Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51275B-1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51275B-1
Description  TPS51275B-1 Dual Synchronous, Step-Down Controller With 5-V and 3.3-V LDOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51275B-1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS51275B-1 Datasheet HTML 4Page - Texas Instruments TPS51275B-1 Datasheet HTML 5Page - Texas Instruments TPS51275B-1 Datasheet HTML 6Page - Texas Instruments TPS51275B-1 Datasheet HTML 7Page - Texas Instruments TPS51275B-1 Datasheet HTML 8Page - Texas Instruments TPS51275B-1 Datasheet HTML 9Page - Texas Instruments TPS51275B-1 Datasheet HTML 10Page - Texas Instruments TPS51275B-1 Datasheet HTML 11Page - Texas Instruments TPS51275B-1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
0
2
4
6
8
10
12
14
16
18
20
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G005
210
220
230
240
250
260
270
280
290
300
310
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G006
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G003
0
25
50
75
100
125
150
175
200
225
250
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G004
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G001
0
10
20
30
40
50
60
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G002
TPS51275B-1
SLVSCT3 – MARCH 2015
www.ti.com
7.8 Typical Characteristics
Figure 1. VIN Supply Current 1 vs Junction Temperature
Figure 2. VIN Supply Current 2 vs Junction Temperature
Figure 4. VIN Stand-By Current vs Junction Temperature
Figure 3. VO1 Supply Current 1 vs Junction Temperature
Figure 5. CS Source Current vs Junction Temperature
Figure 6. Clock Frequency vs Junction Temperature
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS51275B-1


Similar Part No. - TPS51275B-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275B TI-TPS51275B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275B TI1-TPS51275B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKR TI-TPS51275BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKR TI1-TPS51275BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKT TI-TPS51275BRUKT Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - TPS51275B-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com