Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51312 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS51312
Description  3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51312 Datasheet(HTML) 4 Page - Texas Instruments

  TPS51312_15 Datasheet HTML 1Page - Texas Instruments TPS51312_15 Datasheet HTML 2Page - Texas Instruments TPS51312_15 Datasheet HTML 3Page - Texas Instruments TPS51312_15 Datasheet HTML 4Page - Texas Instruments TPS51312_15 Datasheet HTML 5Page - Texas Instruments TPS51312_15 Datasheet HTML 6Page - Texas Instruments TPS51312_15 Datasheet HTML 7Page - Texas Instruments TPS51312_15 Datasheet HTML 8Page - Texas Instruments TPS51312_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SW
OC
ZC
XCON
VIN
Delay
PGOOD
Control Logic
+
+
VREF + 30%
+
+
FB
tON
One -
Shot
UV
OV
VREF – 50%
+
UVP
OVP
TPS51312
UDG-12124
·
On/Off Time
·
Minimum On /Off
·
SKIP Mode
·
OCL/OVP/UVP
·
Discharge
VBG
PWM
+
Σ
+
+
VSW
IGAIN
ENOK
+
EN
1.5 V/ 0.8 V
+
VCC
2.95 V/ 2.7 V
+
2.95 V/2.7 V
VCCOK
VINOK
VCC UVLO
VIN UVLO
VBG
VREF
Discharge
TPS51312
SLUSB57 – SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over operating free-air temperature range, VIN = 5 V, VCC = 5 V, VEN = 3.3 V (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SW PULL-DOWN RESISTANCE
RSWPD
SW pull-down resistance
EN = Lo
260
Ω
THERMAL SHUTDOWN
Shutdown temperature
145
TSDN
Thermal shutdown threshold(2)
°C
Hysteresis
20
(2)
Specified by design. Not production tested.
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS51312


Similar Part No. - TPS51312_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51312 TI1-TPS51312_16 Datasheet
1Mb / 21P
[Old version datasheet]   3.1V to 5.5V Input 3-A Output Synchronous Step-Down Regulator
More results

Similar Description - TPS51312_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS54388-Q1 TI1-TPS54388-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com