Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51275B-1RUKT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51275B-1RUKT
Description  TPS51275B-1 Dual Synchronous, Step-Down Controller With 5-V and 3.3-V LDOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51275B-1RUKT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS51275B-1RUKT Datasheet HTML 3Page - Texas Instruments TPS51275B-1RUKT Datasheet HTML 4Page - Texas Instruments TPS51275B-1RUKT Datasheet HTML 5Page - Texas Instruments TPS51275B-1RUKT Datasheet HTML 6Page - Texas Instruments TPS51275B-1RUKT Datasheet HTML 7Page - Texas Instruments TPS51275B-1RUKT Datasheet HTML 8Page - Texas Instruments TPS51275B-1RUKT Datasheet HTML 9Page - Texas Instruments TPS51275B-1RUKT Datasheet HTML 10Page - Texas Instruments TPS51275B-1RUKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TPS51275B-1
www.ti.com
SLVSCT3 – MARCH 2015
Electrical Characteristics (continued)
over operating free-air temperature range, VVIN = 12 V, VVO1 = 5 V, VVFB1 = VVFB2 = 2 V, VEN1 = VEN2 = 3.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO
Wake up
4.58
VUVL0VIN
VIN UVLO threshold
V
Hysteresis
0.5
Wake up
4.38
4.5
VUVLO5
VREG5 UVLO threshold
V
Hysteresis
0.4
Wake up
3.15
VUVLO3
VREG3 UVLO threshold
V
Hysteresis
0.15
OVERTEMPERATURE PROTECTION
Shutdown temperature
155
TOTP
OTP threshold(1)
°C
Hysteresis
10
7.6 Timing Requirements
over operating free-air temperature range, VVIN = 12 V, VVO1 = 5 V, VVFB1 = VVFB2 = 2 V, VEN1 = VEN2 = 3.3 V (unless otherwise
noted)
MIN
NOM
MAX
UNIT
DUTY CYCLE AND FREQUENCY CONTROL
fsw1
CH1 frequency(1)
TA = 25°C, VVIN= 20 V
240
300
360
kHz
fSW2
CH2 frequency(1)
TA = 25°C, VVIN= 20 V
280
355
430
kHz
tOFF(MIN)
Minimum off-time
TA = 25°C
200
300
500
ns
MOSFET DRIVERS
DRVH-off to DRVL-on
12
tD
Dead time
ns
DRVL-off to DRVH-on
20
(1)
Ensured by design. Not production tested.
7.7 Switching Characteristics
over operating free-air temperature range, VVIN = 12 V, VVO1 = 5 V, VVFB1 = VVFB2 = 2 V, VEN1 = VEN2 = 3.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOCK OUTPUT
fCLK
Clock frequency
TA = 25°C
260
kHz
SOFT-START OPERATION
From ENx = HI and VVREG5 >
tSS
Soft-start time
3.25
ms
VUVLO5 to VOUT = 95%
VOUT= 0% to VOUT = 95%, VVREG5 =
tSSRAMP
Soft-start time (ramp-up)
3.12
ms
5 V
POWER GOOD
From PG lower threshold (95% =
tPGDEL
PG delay
1.38
ms
typical) to PG flag high
OUTPUT OVERVOLTAGE PROTECTION
tOVPDLY
OVP propagation delay
TA = 25°C
0.5
µs
OUTPUT UNDERVOLTAGE PROTECTION
tUVPDLY
UVP propagation delay
250
µs
From ENx = HI and VVREG5 >
tUVPENDLY
UVP enable delay
4.3
ms
VUVLO5 to UV latch off
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS51275B-1


Similar Part No. - TPS51275B-1RUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275B TI-TPS51275B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275B TI1-TPS51275B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKR TI-TPS51275BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKR TI1-TPS51275BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKT TI-TPS51275BRUKT Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - TPS51275B-1RUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com