Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51518 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS51518
Description  Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51518 Datasheet(HTML) 4 Page - Texas Instruments

  TPS51518_15 Datasheet HTML 1Page - Texas Instruments TPS51518_15 Datasheet HTML 2Page - Texas Instruments TPS51518_15 Datasheet HTML 3Page - Texas Instruments TPS51518_15 Datasheet HTML 4Page - Texas Instruments TPS51518_15 Datasheet HTML 5Page - Texas Instruments TPS51518_15 Datasheet HTML 6Page - Texas Instruments TPS51518_15 Datasheet HTML 7Page - Texas Instruments TPS51518_15 Datasheet HTML 8Page - Texas Instruments TPS51518_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS51518
SLUSAO8
– DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VV5IN= 5 V, VMODE= 5 V, VEN= 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IV5IN
V5IN supply current
TA = 25°C, No load, VEN = 5 V, VMODE = 5 V
560
μA
IV5SDN
V5IN shutdown current
TA = 25°C, No load, VEN = 0 V
1
μA
VREF OUTPUT
VVREF
Output voltage
IVREF = 30 µA, w/r/t GSNS
2.000
V
0
µA ≦ IVREF < 30 µA, 0°C ≦ TA < 85°C
–0.8%
0.8%
VVREFTOL
Output voltage tolerance
0
µA ≦ IVREF < 300 µA, –10°C ≦ TA < 105°C
–1%
1%
IVREFOCL
Current limit
VVREF-GSNS = 1.7 V
0.4
1.0
mA
OUTPUT VOLTAGE
VSLEWCLP
SLEW clamp voltage
VREFIN = 1 V
0.92
1.08
V
gM
Error amplifier transconductance
VREFIN = 1 V
60
µS
IVSNS
VSNS input current
VVSNS = 1.0 V
–1
1
μA
IVSNSDIS
VSNS discharge current
VEN = 0 V, VVSNS = 0.5 V, VMODE = 0 V
12
mA
SMPS FREQUENCY
fSW
Switching frequency
VIN = 12 V, VVSNS = 1.0 V, VMODE = 0 V
350
kHz
tON(min)
Minimum on-time
DRVH rising to falling
40
ns
tOFF(min)
Minimum off-time
DRVH falling to rising
320
DRIVERS
Source, IDRVH = 50 mA
1.7
RDH
High-side driver resistance
Ω
Sink, IDRVH = 50 mA
0.8
Source, IDRVL = 50 mA
1.1
RDL
Low-side driver resistance
Ω
Sink, IDRVL = 50 mA
0.6
INTERNAL BOOT STRAP SW
VFBST
Forward voltage
VV5IN-BST, TA = 25°C, IF = 10 mA
0.1
0.2
V
IBST
BST leakage current
TA = 25°C, VBST = 33 V, VSW = 28 V
0.01
1.50
μA
LOGIC THRESHOLD AND TIMING
VVIDx(LL)
VID1/VID0 low-level voltage
0.3
V
VVIDx(LH)
VID1/VID0 high-level voltage
0.9
V
VVIDx(HYST)
VID1/VID0 hysteresis voltage
0.4
V
IVIDx(LLK)
VID1/VID0 input leakage current
–1
0
1
μA
VEN(LL)
EN low-level voltage
0.5
V
VEN(LH)
EN high-level voltage
1.5
V
VEN(HYST)
EN hysteresis voltage
0.25
V
IEN(LLK)
EN input leakage current
–1
1
nA
SOFT START/SLEW RATE
ISS
Soft-start current
Soft-start current source
10
μA
ISLEW
Slew control current
50
μA
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS51518


Similar Part No. - TPS51518_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51518 TI1-TPS51518_17 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
More results

Similar Description - TPS51518_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51518 TI1-TPS51518 Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518 TI1-TPS51518_17 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
TPS51215A TI1-TPS51215A_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
TPS51215A TI1-TPS51215A Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Texas Instruments
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com