Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53114 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS53114
Description  TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53114 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS53114_15 Datasheet HTML 7Page - Texas Instruments TPS53114_15 Datasheet HTML 8Page - Texas Instruments TPS53114_15 Datasheet HTML 9Page - Texas Instruments TPS53114_15 Datasheet HTML 10Page - Texas Instruments TPS53114_15 Datasheet HTML 11Page - Texas Instruments TPS53114_15 Datasheet HTML 12Page - Texas Instruments TPS53114_15 Datasheet HTML 13Page - Texas Instruments TPS53114_15 Datasheet HTML 14Page - Texas Instruments TPS53114_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TRIP
TRIP
TRIP
V
(mV)
R
(k )
I
( A)
=
(
)
IN
O
O
TRIP
OCL
DS(ON)
sw
IN
V
V
V
V
= I
R
2
L1
V
æ
ö
-
-
·
·
ç
÷
ç
÷
·
· ¦
è
ø
TPS53114
www.ti.com
SLVS887C – APRIL 2009 – REVISED AUGUST 2014
Feature Description (continued)
8.3.9 Over Current Protection
TPS53114 has a cycle-by-cycle over current limit feature. The over current limits the inductor valley current by
monitoring the voltage drop across the low-side MOSFET RDS(on) during the low-side driver on-time. If the
inductor current is larger than the over current limit (OCL), the TPS53114 delays the start of the next switching
cycle until the sensed inductor current falls below the OCL current. MOSFET RDS(on) current sensing is used to
provide an accuracy and cost effective solution without external devices. To program the OCL, the TRIP pin
should be connected to GND through a trip voltage setting resistor, according to Equation 1 and Equation 2.
(1)
(2)
The trip voltage should be between 30 mV to 200 mV over all operational temperature, including the
4000 ppm/°C temperature slope compensation for the temperature dependency of the RDS(on). If the load current
exceeds the over current limit, the voltage will begin to drop. If the over current conditions continues, the output
voltage will fall below the under voltage protection threshold and the TPS53114 will shut down.
8.3.10 Over/under Voltage Protection
TPS53114 monitors a resistor divided feedback voltage to detect over and under voltage. If the feedback voltage
is higher than 115% of the reference voltage, the OVP comparator output goes high and the circuit latches the
high-side MOSFET driver OFF and the low-side MOSFET driver ON. When the feedback voltage is lower than
70% of the reference voltage, the UVP comparator output goes high and an internal UVP delay counter begins
counting. After 30
μs, TPS53114 latches OFF both top and bottom MOSFET drivers. This function is enabled
approximately 1.7x TSS after power-on. The OVP and UVP latch off is reset when EN goes low level.
8.3.11 UVLO Protection
TPS53114 has V5FILT under voltage lock out protection (UVLO) that monitors the voltage of V5FILT pin. When
the V5FILT voltage is lower than UVLO threshold voltage, the device is shut off. All output drivers are OFF and
output discharge is ON. The UVLO is non-latch protection.
8.3.12 Thermal Shutdown
The TPS53114 includes an over temperature protection shut-down feature. If the TPS53114 die temperature
exceeds the OTP threshold (typically 150°C), both the high-side and low-side drivers are shut off, the output
voltage discharge function is enabled and then the device is shut off until the die temperature drops. Thermal
shutdown is a non-latch protection.
8.4 Device Functional Modes
8.4.1 Operation
The TPS53114 has two operating modes. The TPS53114 is in shut down mode when the EN pin is low. When
the EN pin is pulled high, the TPS53114 enters the normal operating mode.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS53114


Similar Part No. - TPS53114_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53114PW TI-TPS53114PW Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWP TI-TPS53114PWP Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWP TI-TPS53114PWP Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWPR TI-TPS53114PWPR Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWPR TI-TPS53114PWPR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results

Similar Description - TPS53114_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com