Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53126 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS53126
Description  TPS53126 Dual Synchronous Step-down Controller For Low Voltage Power Rails
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53126 Datasheet(HTML) 3 Page - Texas Instruments

  TPS53126_15 Datasheet HTML 1Page - Texas Instruments TPS53126_15 Datasheet HTML 2Page - Texas Instruments TPS53126_15 Datasheet HTML 3Page - Texas Instruments TPS53126_15 Datasheet HTML 4Page - Texas Instruments TPS53126_15 Datasheet HTML 5Page - Texas Instruments TPS53126_15 Datasheet HTML 6Page - Texas Instruments TPS53126_15 Datasheet HTML 7Page - Texas Instruments TPS53126_15 Datasheet HTML 8Page - Texas Instruments TPS53126_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TRIP1
VIN
VO1
VFB1
GND
TEST1
VREG5
V5FILT
TEST2
TRIP2
VFB2
VO2
15
14
13
1
2
3
4
5
18
17
16
6
1
2
3
4
5
6
7
11
8
12
9
10
24
23
22
21
20
19
18
14
17
13
16
15
VBST1
EN1
VO1
VFB1
GND
TEST1
VFB2
VO2
EN2
VBST2
DRVH1
SW1
DRVL1
PGND1
TRIP1
VIN
VREG5
V5FILT
TEST2
TRIP2
PGND2
DRVL2
SW2
DRVH2
TPS53126
www.ti.com
SLUS909B – MAY 2009 – REVISED AUGUST 2014
6 Pin Configurations and Functions
24 Pin VQFN
24 Pin TSSOP
RGE Package
PW Package
(Top View)
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
VQFN 24
TSSOP 24
NAME
NUMBER
NUMBER
Supply input for high-side NFET driver (Boost Terminal). Bypass to SWx with a high-
VBST1,
23, 8
2, 11
I
quality 0.1
μF ceramic capacitor. An external schottky diode can be added if forward drop
VBST2
is critical to drive the high-side FET.
EN1, EN2
24, 7
3, 10
I
Channel 1 and channel 2 high level enable pins.
Output voltage inputs for on-time adjustment and output discharge. Connect directly to the
VO1, VO2
1, 6
4, 9
I
output voltage.
VFB1,
2, 5
5, 8
I
D-CAP2 feedback inputs. Connect to output voltage with resistor divider.
VFB2
GND
3
6
I
Signal ground pin. Connect to PGND1, PGND2 and system ground at a single point.
DRVH1,
High-side MOSFET gate driver outputs. SWx referenced drivers switch between SWx
22, 9
1, 12
O
DRVH2
(OFF) and VBSTx (ON).
SW1, SW2
21, 10
24, 13
I/O
Switch node connections for both the high-side drivers and the current comparators.
DRVL1,
Low-side MOSFET gate driver outputs. PGND referenced drivers switch between PGNDx
20, 11
23, 14
O
DRVL2
(OFF) and VREG5 (ON).
PGND1,
Power ground connections for both the low-side drivers and the current comparators.
19, 12
22, 15
I/O
PGND2
Connect PGND1, PGND2 and GND strongly together near the IC.
TRIP1,
Over current trip point programming pin. Connect to GND with a resistor to GND to set
18, 13
21, 16
I
TRIP2
threshold for low-side RDS(on) current limit.
VIN
17
20
I
Supply Input for 5V linear regulator.
5V supply input for the entire control circuit except the MOSFET drivers. Bypass to GND
V5FILT
15
18
I
with a minimum 1.0
μF, high-quality ceramic capacitor. V5FILT is connected to VREG5 via
an internal 10
Ω resistor.
Output of 5V linear regulator and supply for MOSFET drivers. Bypass to GND with a
VREG5
16
19
O
minimum 4.7
μF high-quality ceramic capacitor. VREG5 is connected to V5FILT via an
internal 10
Ω resistor.
TEST1
4
7
O
Test interface pin, not used during application. Connect directly to GND.
Frequency select pin. Connect to GND for 350kHz switching. Connect to V5FILT for
TEST2
14
17
I
700kHz switching.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS53126


Similar Part No. - TPS53126_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53126PW TI-TPS53126PW Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126PWR TI-TPS53126PWR Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126RGER TI-TPS53126RGER Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126RGET TI-TPS53126RGET Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results

Similar Description - TPS53126_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com