Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53211 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS53211
Description  Single-Phase PWM Controller with Light-Load Efficiency Optimization
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53211 Datasheet(HTML) 4 Page - Texas Instruments

  TPS53211_15 Datasheet HTML 1Page - Texas Instruments TPS53211_15 Datasheet HTML 2Page - Texas Instruments TPS53211_15 Datasheet HTML 3Page - Texas Instruments TPS53211_15 Datasheet HTML 4Page - Texas Instruments TPS53211_15 Datasheet HTML 5Page - Texas Instruments TPS53211_15 Datasheet HTML 6Page - Texas Instruments TPS53211_15 Datasheet HTML 7Page - Texas Instruments TPS53211_15 Datasheet HTML 8Page - Texas Instruments TPS53211_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS53211
SLUSAA9A – SEPTEMBER 2011 – REVISED NOVEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
over operating free-air temperature range, VCC = 12V, PGND = GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VVCC
VCC supply voltage
Nominal input voltage range
4.5
12
V
VPOR
VCC POR threshold
Ramp up; EN =’HI’
4.1
4.25
4.4
V
VPORHYS
VCC POR hysteresis
VCCDR POR hysteresis
200
mV
ICC_STBY
Standby current
EN pin is low. VVCC= 12 V
60
µA
RBoot
Rds(on) of the boot strap switch
10
DRIVER SUPPLY
VCCDR
VCCDR Supply voltage
Nominal input voltage range
4.5
7.0
V
VPORDR
VCCDR POR threshold
Ramp up; EN =’HI’
3.15
3.32
3.50
V
VPORHYSDR
VCCDR POR hysteresis
VCCDR POR hysteresis
220
mV
ICCDR_STBY
Standby current
EN pin is low. VVCC = 12 V
100
µA
REFERENCE
VVREF
VREF
Internal precision reference voltage
0.8
V
TOLVREF
VREF tolerance
Close loop trim. 0°C
≤ TJ ≤ 70°C
–0.5%
0.5%
ERROR AMPLIFIER
UGBW(2)
Unity gain bandwidth
14
MHz
AOL(2)
Open loop gain
80
dB
IFB(int)
FB Input leakage current
Sourced from FB pin
10
nA
IEA(max)
Output sinking and sourcing current
2.5
mA
SR(2)
Slew rate
5
V/µs
ENABLE
VENH
EN logic high
2.2
V
VENL
EN logic low
600
mV
IEN
EN pin current
12
µA
SOFT START
tSS_delay
Delay after EN asserting
EN = ‘HI’ to “switching enabled”
1024/fSW
ms
tPGDELAY
PGOOD startup delay time
PG delay after soft-start begins
1560/fSW
ms
RAMP
Ramp amplitude
4.5V < VVCC < 12 V
2
V
PWM
tMIN(on)
(2)
Minimum ON time
40
ns
DMAX
(2)
Maximum duty cycle
fSW = 1 MHz
70%
SWITCHING FREQUENCY
fSW(typ)
Typical switching frequency
ROSC = 61.9 kΩ
360
400
440
kHz
fSW(min)
Minumum switching frequency
ROSC = 250 kΩ
250
kHz
fSW(max)
Maximum switching frequency
ROSC = 14 kΩ
1
MHz
fSW(tol)
Switching frequency tolerance
ROSC > 12.4 kΩ
–20%
20%
OVERCURRENT
CSP-CSN threshold for DCR
VOC_TH
TA = 25°C
17
20
23
mV
sensing
(1)
See PS pin description for levels.
(2)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated


Similar Part No. - TPS53211_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53211RGTR TI1-TPS53211RGTR Datasheet
708Kb / 21P
[Old version datasheet]   Single-Phase PWM Controller with Light-Load Efficiency Optimization
TPS53211RGTT TI1-TPS53211RGTT Datasheet
708Kb / 21P
[Old version datasheet]   Single-Phase PWM Controller with Light-Load Efficiency Optimization
More results

Similar Description - TPS53211_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6738 STMICROELECTRONICS-L6738 Datasheet
787Kb / 32P
   Single-phase PWM controller with light-load efficiency optimization
logo
Texas Instruments
TPS53211 TI1-TPS53211 Datasheet
708Kb / 21P
[Old version datasheet]   Single-Phase PWM Controller with Light-Load Efficiency Optimization
logo
uPI Group Inc.
UP1539 UPI-UP1539 Datasheet
176Kb / 11P
   Single Phase PWM Controller with Light-Load Efficiency Optimization
logo
Intersil Corporation
ISL78225 INTERSIL-ISL78225 Datasheet
985Kb / 21P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
Renesas Technology Corp
ISL78220 RENESAS-ISL78220 Datasheet
1Mb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
Intersil Corporation
ISL78220 INTERSIL-ISL78220 Datasheet
807Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78220ANEZ INTERSIL-ISL78220ANEZ Datasheet
782Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6336B INTERSIL-ISL6336B Datasheet
1,020Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com