Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR245 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR245
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR245 Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR245_15 Datasheet HTML 1Page - Unisonic Technologies MBR245_15 Datasheet HTML 2Page - Unisonic Technologies MBR245_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR245
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-245.e
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
45
V
Working Peak Reverse Voltage
VRWM
45
V
DC Blocking Voltage
VR
45
V
RMS Reverse Voltage
VR(RMS)
31.5
V
Average Rectified Forward Current
(Rated VR-20Khz Square Wave) - 50% Duty Cycle
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms Single
half sine-wave
IFSM
50
A
Typical Junction Capacitance
CJ
650
pF
Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SMA
90
Junction to Ambient
DO-15/DO-41
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=2.0A, TC=25°C
0.70
Instantaneous Forward Voltage Drop
(Note 2)
VF
IF=2.0A, TC=125°C
0.65
V
Rated DC Voltage, TC=25°C
500
μA
Instantaneous Reverse Current (Note 2)
IR
Rated DC Voltage, TC=125°C
20
mA
Notes: 1. 2.0μs Pulse Width, f = 1.0KHz.
2. Pulse Test: Pulse Width=300µs, Duty Cycle≤ 2.0%.
3. Applied VR = 4.0V and f = 1.0MHz.


Similar Part No. - MBR245_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR245G-SMA-R UTC-MBR245G-SMA-R Datasheet
163Kb / 4P
   2.0A SCHOTTKY BARRIER RECTIFIER
MBR245G-Z15-R UTC-MBR245G-Z15-R Datasheet
163Kb / 4P
   2.0A SCHOTTKY BARRIER RECTIFIER
MBR245G-Z41-R UTC-MBR245G-Z41-R Datasheet
163Kb / 4P
   2.0A SCHOTTKY BARRIER RECTIFIER
MBR245L-SMA-R UTC-MBR245L-SMA-R Datasheet
163Kb / 4P
   2.0A SCHOTTKY BARRIER RECTIFIER
MBR245L-Z15-R UTC-MBR245L-Z15-R Datasheet
163Kb / 4P
   2.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR245_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com