Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53511 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS53511
Description  4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53511 Datasheet(HTML) 1 Page - Texas Instruments

  TPS53511_15 Datasheet HTML 1Page - Texas Instruments TPS53511_15 Datasheet HTML 2Page - Texas Instruments TPS53511_15 Datasheet HTML 3Page - Texas Instruments TPS53511_15 Datasheet HTML 4Page - Texas Instruments TPS53511_15 Datasheet HTML 5Page - Texas Instruments TPS53511_15 Datasheet HTML 6Page - Texas Instruments TPS53511_15 Datasheet HTML 7Page - Texas Instruments TPS53511_15 Datasheet HTML 8Page - Texas Instruments TPS53511_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPS53511
16
13
15
14
1
2
3
4
VCC
VREG5
VO
VFB
VIN
VIN
GND
SS
5
8
6
7
EN
PG
PGND
PGND
12
11
10
9
SW
VBST
SW
SW
UDG-13043
+
VOUT
Input Signal
Output Signal
+
PGND
SGND
VIN
TPS53511
www.ti.com
SLUSBG4A – MARCH 2013 – REVISED JANUARY 2014
4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
Check for Samples: TPS53511
1
FEATURES
APPLICATIONS
2
Continuous 1.5-A Output Current
Points-of-Load for Server
4.5-V to 18-V Supply Voltage Range
Distributed Non-Isolated DC-DC Converters for
Computing Power System
2-V to 18-V Conversion Voltage Range
DCAP2™ Mode Control Enables Fast Transient
DESCRIPTION
Response
The TPS53511 is an adaptive on-time D-CAP2™
Low Output Ripple and Support all MLCC
mode synchronous buck converter. The device is
Output Capacitor
suitable for points-of-load (POL) in computing power
Skip Mode for Light Load Control
systems,
and
provides
a
cost-effective,
low
component count, low standby current solution. The
Highly Efficient Integrated FETs Optimized for
main control loop for the TPS53511 uses the D-
Lower Duty Cycle Applications
CAP2™ mode control providing a fast transient
High Efficiency, Less than 10-µA Supply
response with no external components. The adaptive
Current at Shutdown
on-time control supports seamless operation between
PWM mode during heavy load conditions and
Adjustable Soft-Start Time
reduced
frequency
operation
during
light
load
Support Pre-Biased Soft Start
conditions for high efficiency.
700-kHz Switching Frequency
The TPS53511 includes a proprietary circuit that
Cycle-By-Cycle Overcurrent Limit
enables the device to adapt to both low equivalent
Open Drain Power Good Indication
series resistance (ESR) output capacitors, such as
POSCAP or SP-CAP, and ultra-low ESR ceramic
Internal Bootstrap Switch
capacitors. The device operates from 4.5-V to 18-V
Small 3 mm × 3 mm, 16-Pin QFN (RGT)
supply input, and from 2-V to 18-V input power supply
Package
voltage. The device features an adjustable slow start
time and a power good function. It also supports pre-
biased soft start. The TPS53511 is available in the
16-pin QFN package, and designed to operate from
–40°C to 85°C.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DCAP2, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS53511_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53511_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511_V01 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS54427 TI1-TPS54427_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com