Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30100CL-TF1-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR30100CL-TF1-T
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR30100CL-TF1-T Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR30100CL-TF1-T Datasheet HTML 1Page - Unisonic Technologies MBR30100CL-TF1-T Datasheet HTML 2Page - Unisonic Technologies MBR30100CL-TF1-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR30100C
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R601-225.E
30A SCHOTTKY BARRIER
RECTIFIER
FEATURES
* 30 amps total (15 amps per diode leg)
* Guard ring for transient protection
* Low forward voltage drop
* High surge capability
* Low power loss/High efficiency
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MBR30100CL-TA3-T
MBR30100CG-TA3-T
TO-220
A
K
A
Tube
MBR30100CL-TF3-T
MBR30100CG-TF3-T
TO-220F
A
K
A
Tube
MBR30100CL-TF1-T
MBR30100CG-TF1-T
TO-220F1
A
K
A
Tube
MBR30100CL-T3P-T
MBR30100CG-T3P-T
TO-3P
A
K
A
Tube
MBR30100CL-T47-T
MBR30100CG-T47-T
TO-247
A
K
A
Tube
MBR1060CL-TQ2-T
MBR1060CG-TQ2-T
TO-263
A
K
A
Tube
MBR1060CL-TQ2-R
MBR1060CG-TQ2-R
TO-263
A
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TF1: TO-220F1
T47: TO-247, T3P: TO-3P, TQ2: TO-263
(3) L: Lead Free, G: Halogen Free and Lead Free
MBR30100CL-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - MBR30100CL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBR30100CL MOSPEC-MBR30100CL Datasheet
139Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - MBR30100CL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com