Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53819A Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS53819A
Description  TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53819A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS53819A_15 Datasheet HTML 5Page - Texas Instruments TPS53819A_15 Datasheet HTML 6Page - Texas Instruments TPS53819A_15 Datasheet HTML 7Page - Texas Instruments TPS53819A_15 Datasheet HTML 8Page - Texas Instruments TPS53819A_15 Datasheet HTML 9Page - Texas Instruments TPS53819A_15 Datasheet HTML 10Page - Texas Instruments TPS53819A_15 Datasheet HTML 11Page - Texas Instruments TPS53819A_15 Datasheet HTML 12Page - Texas Instruments TPS53819A_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
TPS53819A
www.ti.com
SLUSB56A – NOVEMBER 2012 – REVISED OCTOBER 2015
6.7 Switching Characteristics
over operating free-air temperature range VIN = 12 V, VVO = 3.3 V(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY CONTROL
FS <2:0> = 000
275
FS <2:0> = 001
325
FS <2:0> = 010
425
FS <2:0> = 011
525
fSW
VO pin switching frequency
kHz
FS <2:0> = 100
625
FS <2:0> = 101
750
FS <2:0> = 110
850
FS <2:0> = 111
1000
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS53819A


Similar Part No. - TPS53819A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53819ARGTR TI-TPS53819ARGTR Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819ARGTT TI-TPS53819ARGTT Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
More results

Similar Description - TPS53819A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
Texas Instruments
TPS53219RGTT TI-TPS53219RGTT Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode, Single Synchronous Step-Down Controller
TPS53219A TI1-TPS53219A Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
TPS53219 TI-TPS53219 Datasheet
860Kb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219 Datasheet
945Kb / 36P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
Micrel Semiconductor
MIC2111B MICREL-MIC2111B Datasheet
3Mb / 35P
   High-Performance, Multi-Mode, Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com