Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A7000 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE15A7000
Description  50 dB Gain, 14 dBm P1dB, 100 MHz to 18 GHz, Variable Gain Amplifier, 6.5 dB NF, SMA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A7000 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE15A7000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
TECHNICAL DATA SHEET
PE15A7000
PE15A7000 REV 1.0
Input Return Loss
Output Return Loss
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 dB Gain, 14 dBm P1dB, 100 MHz to 18 GHz, Variable Gain Amplifier, 6.5 dB NF, SMA
PE15A7000
50 dB Gain, 14 dBm P1dB, 100 MHz to 18 GHz,
Variable Gain Amplifier, 6.5 dB NF, SMA


Similar Part No. - PE15A7000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A7000 PASTERNACK-PE15A7000_16 Datasheet
523Kb / 9P
   50 dB Gain, 14 dBm P1dB, 100 MHz to 18 GHz, Rack Mount, Variable Gain Amplifier, 6.5 dB NF, SMA
More results

Similar Description - PE15A7000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A7000 PASTERNACK-PE15A7000_16 Datasheet
523Kb / 9P
   50 dB Gain, 14 dBm P1dB, 100 MHz to 18 GHz, Rack Mount, Variable Gain Amplifier, 6.5 dB NF, SMA
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
   11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
PE15A1028 PASTERNACK-PE15A1028 Datasheet
520Kb / 5P
   40 dB Gain, 0.7 dB NF, 12 dBm P1dB, 1.2 GHz
PE15A3268 PASTERNACK-PE15A3268 Datasheet
374Kb / 3P
   5.5 dB NF, 10 dBm P1dB, 18 GHz to 40 GHz, Low Noise Broadband Amplifier, 18 dB Gain, 2.4mm
PE15A1023 PASTERNACK-PE15A1023 Datasheet
406Kb / 5P
   1.5 dB NF, 10 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 25 dB Gain, SMA
PE15A1012 PASTERNACK-PE15A1012 Datasheet
406Kb / 3P
   40 dB Gain, 0.8 dB NF, 18 dBm, 10 MHz to
PE15A1017 PASTERNACK-PE15A1017 Datasheet
429Kb / 6P
   35 dBm IP3, 2 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 14.5 dB Gain, SMA
PE15A1024 PASTERNACK-PE15A1024 Datasheet
407Kb / 5P
   1.5 dB NF, 17 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 35 dB Gain, SMA
PE15A1018 PASTERNACK-PE15A1018 Datasheet
431Kb / 6P
   34 dBm IP3, 2.6 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 29 dB Gain, SMA
PE15A3024 PASTERNACK-PE15A3024 Datasheet
460Kb / 5P
   24.5 dBm P1dB, 12.4 GHz to 26.5 GHz, Medium Power Broadband Amplifier, 35 dB Gain, 3 dB NF, SMA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com