Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15B5000 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE15B5000
Description  High Power Bi-Directional Amplifier, 5-20 Watts, 2.4 GHz to 2.5 GHz, 1 us switching, 20 dB Gain, SMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15B5000 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE15B5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
TECHNICAL DATA SHEET
PE15B5000
PE15B5000 REV 1.0
20
22
24
26
28
30
2.30
2.33
2.37
2.40
2.43
2.46
2.49
2.53
2.56
Freq.(GHz)
Gain Over Temperature
Gain +25 C
Gain -40 C
Gain +80 C
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
2.30
2.33
2.37
2.40
2.43
2.46
2.49
2.53
2.56
Freq.(GHz)
Return Loss Over Temperature
+25 C
-40 C
+80 C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power Bi-Directional Amplifier, 5/20 Watts, 2.4 GHz to 2.5 GHz, 1 us switching, 20 dB
Gain, SMA PE15B5000
High Power Bi-Directional Amplifier, 5/20 Watts, 2.4 GHz
to 2.5 GHz, 1 us switching, 20 dB Gain, SMA


Similar Part No. - PE15B5000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15B5001 PASTERNACK-PE15B5001 Datasheet
792Kb / 7P
   High Power Bi-Directional Amplifier, 5/20 Watts, 1.35 GHz to 1.39 GHz, 1 us switching, 22 dB Gain, SMA
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
More results

Similar Description - PE15B5000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15B5001 PASTERNACK-PE15B5001 Datasheet
792Kb / 7P
   High Power Bi-Directional Amplifier, 5/20 Watts, 1.35 GHz to 1.39 GHz, 1 us switching, 22 dB Gain, SMA
logo
Stealth Microwave, Inc.
SMTR2425-11B40-2 STEALTH_MICROWAVE-SMTR2425-11B40-2 Datasheet
167Kb / 3P
   2.4-2.5 GHz Bi-Directional Power Amplifier
SMTR2425-11G38 STEALTH_MICROWAVE-SMTR2425-11G38 Datasheet
152Kb / 3P
   2.4-2.5 GHz 6W Bi-Directional Power Amplifier
SMTR2425-11G30 STEALTH_MICROWAVE-SMTR2425-11G30 Datasheet
135Kb / 5P
   2.4-2.5 GHz 1W Bi-Directional Power Amplifier
SMTR2425-11B40 STEALTH_MICROWAVE-SMTR2425-11B40 Datasheet
170Kb / 4P
   2.4-2.5 GHz 10W Bi-Directional Power Amplifier
logo
Pasternack Enterprises,...
PE2218-20 PASTERNACK-PE2218-20 Datasheet
318Kb / 3P
   Dual Directional 20 dB SMA Coupler From 1 GHz to 2 GHz Rated To 50 Watts
PE2241-20 PASTERNACK-PE2241-20 Datasheet
248Kb / 3P
   Directional 20 dB SMA Coupler From 800 MHz to 2.5 GHz Rated To 50 Watts
PE2CP1025-20 PASTERNACK-PE2CP1025-20 Datasheet
418Kb / 6P
   Directional 20 dB SMA Coupler From 800 MHz to 2.5 GHz Rated to 50 Watts
PE2242A-20 PASTERNACK-PE2242A-20 Datasheet
352Kb / 3P
   Directional 20 dB SMA Coupler To 3 GHz Rated to 50 Watts
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
   40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com