Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54010 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54010
Description  2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54010 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54010_15 Datasheet HTML 6Page - Texas Instruments TPS54010_15 Datasheet HTML 7Page - Texas Instruments TPS54010_15 Datasheet HTML 8Page - Texas Instruments TPS54010_15 Datasheet HTML 9Page - Texas Instruments TPS54010_15 Datasheet HTML 10Page - Texas Instruments TPS54010_15 Datasheet HTML 11Page - Texas Instruments TPS54010_15 Datasheet HTML 12Page - Texas Instruments TPS54010_15 Datasheet HTML 13Page - Texas Instruments TPS54010_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
µ
µF
µF
µF
µF
k
k
µF
µF
k
k
k
k
µF
µF
µF
DESIGN PARAMETERS
DESIGN PROCEDURE
TPS54010
SLVS509B – MAY 2004 – REVISED JUNE 2005
Figure 12. Application Circuit, 2.5 V to 1.5 V
Figure
12
shows
the
schematic
for
a
typical
TPS54010 application. The TPS54010 can provide
up to 14-A output current at a nominal output voltage
To begin the design process, a few parameters must
of 1.5 V. Nominal input voltages are 2.5 V for PVIN
be decided. The designer needs to know:
and 3.3 V for VIN. For proper thermal performance,
Input voltage range
the exposed PowerPAD underneath the device must
be soldered down to the printed-circuit board.
Output voltage
Input ripple voltage
Output ripple voltage
The following design procedure can be used to select
Output current rating
component values for the TPS54010. Alternately, the
Operating frequency
SWIFT Designer Software may be used to generate a
complete design. The SWIFT Designer Software uses
For this design example, use the following as the
an iterative design procedure and accesses a com-
input parameters:
prehensive database of components when generating
a design. This section presents a simplified dis-
cussion of the design process.
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage (VIN)
3.3 V
Input voltage range (PVIN)
2.2 to 3.5 V
Output voltage
1.5 V
Input ripple voltage
300 mV
Output ripple voltage
50 mV
Output current rating
14 A
10


Similar Part No. - TPS54010_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54010 TI1-TPS54010_16 Datasheet
1Mb / 30P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54010_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54010 TI-TPS54010 Datasheet
707Kb / 25P
[Old version datasheet]   2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54010-EP TI-TPS54010-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54010 TI1-TPS54010_16 Datasheet
1Mb / 30P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010-EP TI1-TPS54010-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
SN0401093 TI-SN0401093 Datasheet
234Kb / 13P
[Old version datasheet]   DUAL INPUT BUS 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com