Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGBR15L30 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR15L30
Description  MOS GATED BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR15L30 Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR15L30 Datasheet HTML 1Page - Unisonic Technologies MGBR15L30 Datasheet HTML 2Page - Unisonic Technologies MGBR15L30 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR15L30
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-232.a
ABSOLUTE MAXIMUM RATINGS(TA=25°C, unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load,derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
30
V
WorkingPeak Reverse Voltage
VRWM
30
V
Peak Repetitive Reverse Voltage
VRRM
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current
TC=140°C
IO
15
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
180
A
Repetitive Peak Avalanche Power (1μs, 25°C)
PARM
5000
W
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (Note 3)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
73
°C/W
Junction to Case
θJC
13
°C/W
ELECTRICAL CHARACTERISTICS(TA=25°C,unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=1mA
30
V
Forward Voltage Drop
VFM
IF=15A, TJ=25°C
0.54
V
IF=15A, TJ=125°C
0.49
V
Leakage Current (Note 1)
IRM
VR=30V, TJ=25°C
100
500
μA
VR=30V, TJ=125°C
12
40
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.
3. Mounted on an FR4 PCB, single-sided copper, with 100 cm
2 copper pad area.


Similar Part No. - MGBR15L30

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR15L100CG-TA3-T UTC-MGBR15L100CG-TA3-T Datasheet
163Kb / 3P
   Low forward voltage drop
MGBR15L100CG-TF3-T UTC-MGBR15L100CG-TF3-T Datasheet
163Kb / 3P
   Low forward voltage drop
MGBR15L100CG-TN3-R UTC-MGBR15L100CG-TN3-R Datasheet
163Kb / 3P
   Low forward voltage drop
MGBR15L100CL-TA3-T UTC-MGBR15L100CL-TA3-T Datasheet
163Kb / 3P
   Low forward voltage drop
MGBR15L100CL-TF3-T UTC-MGBR15L100CL-TF3-T Datasheet
163Kb / 3P
   Low forward voltage drop
More results

Similar Description - MGBR15L30

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR10L40 UTC-MGBR10L40 Datasheet
125Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR12L45 UTC-MGBR12L45 Datasheet
171Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR15L45 UTC-MGBR15L45 Datasheet
127Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR10U45 UTC-MGBR10U45 Datasheet
140Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR15S50 UTC-MGBR15S50 Datasheet
126Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR20S50 UTC-MGBR20S50 Datasheet
123Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR20L100 UTC-MGBR20L100 Datasheet
159Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR20S50 UTC-MGBR20S50_15 Datasheet
166Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR12L30 UTC-MGBR12L30 Datasheet
125Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR12L40 UTC-MGBR12L40 Datasheet
125Kb / 3P
   MOS GATED BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com