Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54061-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54061-Q1
Description  Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54061-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54061-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPS54061-Q1
www.ti.com
SLVSBM7 – MARCH 2013
ELECTRICAL CHARACTERISTICS
(1)
TEST CONDITIONS: TJ = –40°C to 150°C, VIN = 4.7 To 60 V ( (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
VIN
4.7
60
V
Shutdown supply current
EN = 0 V
1.4
µA
Iq Operating – Non switching
VSENSE = 0.9 V, VIN = 12 V
90
110
µA
ENABLE AND UVLO (EN PIN)
Rising
1.23
1.4
V
Enable threshold
Falling
1
1.18
V
Enable threshold 50 mV
–4.7
µA
Input current
Enable threshold –50 mV
–1.2
µA
Hysteresis
–3.5
µA
Enable high to start switching time
450
µs
VIN
VIN start voltage
VIN rising
4.5
V
VOLTAGE REFERENCE
TJ = 25°C, VIN = 12 V
0.792
0.8
0.808
Voltage reference
V
1 mA < IOUT < Minimum current limit
0.784
0.8
0.816
HIGH-SIDE MOSFET
Switch resistance
BOOT-PH = 5.7 V
1.5
3.0
Ω
LOW-SIDE MOSFET
Switch resistance
VIN = 12 V
0.8
1.5
Ω
ERROR AMPLIFIER
Input current
VSENSE pin
20
nA
Error-amplifier gm
–2 µA < I(COMP) < 2 µA, V(COMP) = 1 V
108
µMhos
EA gm during slow start
–2 µA < I(COMP) < 2 µA, V(COMP) = 1 V, VSENSE = 0.4 V
27
µMhos
Error amplifier dc gain
VSENSE = 0.8 V
1000
V/V
Minimum unity-gain bandwidth
0.5
MHz
Error amplifier source and sink
V(COMP) = 1 V, 100 mV overdrive
±8
µA
Start-switching threshold
0.57
V
COMP to Iswitch gm
1.0
A/V
CURRENT LIMIT
High-side sourcing current-limit
BOOT-PH = 5.7 V
250
350
500
mA
threshold
Zero-cross detect current
–1.1
mA
THERMAL SHUTDOWN
Thermal shutdown
176
C
RT/CLK
Operating frequency using RT mode
50
1100
kHz
Switching frequency
R(RT/CLK) = 120 kΩ
425
472
520
kHz
Minimum CLK pulse duration
40
ns
RT/CLK voltage
R(RT/CLK) = 120 kΩ
0.53
V
RT/CLK high threshold
1.8
V
RT/CLK low threshold
0.5
V
RT/CLK falling-edge to PH rising-
Measure at 500 kHz with RT resistor
67
ns
edge delay
PLL lock-in time
Measure at 500 kHz
100
µs
(1)
The electrical ratings specified in this section apply to all specifications in this document unless otherwise noted. These specifications
will be interpreted as conditions that will not degrade the device’s parametric or functional specifications for the life of the product
containing it.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54061-Q1


Similar Part No. - TPS54061-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061-Q1 TI1-TPS54061-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
More results

Similar Description - TPS54061-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
TPS54062 TI1-TPS54062_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Texas Instruments
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
[Old version datasheet]   3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
logo
Linear Technology
LTC3895 LINER-LTC3895 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC7801 LINER-LTC7801 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Texas Instruments
LMR51440 TI-LMR51440 Datasheet
2Mb / 39P
[Old version datasheet]   LMR514x0, 36-V, 4-A/5-A Synchronous Step-Down DC/DC Converter With Low IQ
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com