Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6062 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6062
Description  Transfer Terminated Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator, Latching, Normally Open
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6062 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6062 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6062 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6062 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6062 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
The PE71S6062 is a DOUBLE POLE THREE THROW TERMINATED RF COAXIAL RELAY SWITCH that operates from DC
TO 18 GHz. The Switch has a 28 VDC FAILSAFE ACTUATOR and POSITION INDICATOR CIRCUITRY. The Switch has SMA
RF CONNECTORS and operates from -40 Deg C to +85 Deg C.
Features
• Double Pole Three Throw Terminated Relay Switch
• DC to 18 GHz Frequency Range
• 2M Operating Life
• 100 Watt Avg Power Min
• -40 to +85 Deg C Operating Temperature
• Insertion Loss 0.5 dB Max
• VSWR 1.5:1 Max
Applications
• High Performance Relay Switch
• Military Communications
• Communications Systems
• Test & Measurement
Electrical Specifications
Frequency Range
DC to 18 GHz
Impedance
50 Ohms
Actuator
Indicators, Latching, Normally Open
Actuating Current
160 mA
Control Voltage
28 Volts / Negative Common
Indicator Rating
1 Watts / 30 Volts / 100 mA
Self Cut-Off Time
40 ms < CT < 120 ms
RF Characteristic
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Frequency Range
DC to 3
3 to 8
8 to 12.4
12.4 to 18
GHz
VSWR
1.2:1
1.3:1
1.4:1
1.5:1
Insertion Loss
0.2
0.3
0.4
0.5
dB
Isolation
80
70
60
60
dB
Average Power @25 °C
240
150
120
100
Watts
.
Mechanical Specifications
Connector Type
SMA Female
Operating Life
2,000,000
Terminals
Solder Pins
Switching Time (nominal voltage, 25°C)
<10 ms Typ
Construction
Splashproof
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Transfer Terminated Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V
Control, 30V Indicator, Latching, Normally Open PE71S6062
PE71S6062
PE71S6062 REV 1.0
Transfer Terminated Electromechanical Relay
Switch DC to 18 GHz, SMA, 240 Watts, 28V Control,
30V Indicator, Latching, Normally Open


Similar Part No. - PE71S6062

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6060 PASTERNACK-PE71S6060 Datasheet
387Kb / 4P
   Single Pole Three Throw Terminated Relay Switch
PE71S6061 PASTERNACK-PE71S6061 Datasheet
395Kb / 4P
   Transfer Terminated Electromechanical Relay
PE71S6063 PASTERNACK-PE71S6063 Datasheet
393Kb / 4P
   Double Pole Three Throw Terminated Relay Switch
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6065 PASTERNACK-PE71S6065 Datasheet
389Kb / 4P
   Double Pole Double Throw Relay Switch
More results

Similar Description - PE71S6062

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6054 PASTERNACK-PE71S6054 Datasheet
393Kb / 4P
   SPDT Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator with Indicators, Latching, Normally Open
PE71S6302 PASTERNACK-PE71S6302 Datasheet
466Kb / 6P
   SP4T Electromechanical Relay Normally Open Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators
PE71S6195 PASTERNACK-PE71S6195 Datasheet
769Kb / 6P
   SP6T Electromechanical Relay Switch DC to 10 GHz, N, 160 Watts, 28V Control with Normally Open
PE71S6207 PASTERNACK-PE71S6207 Datasheet
771Kb / 6P
   SP6T Electromechanical Relay Switch DC to 8 GHz, TNC, 60 Watts, 28V Control with Normally Open
PE71S6301 PASTERNACK-PE71S6301 Datasheet
460Kb / 6P
   SP4T Electromechanical Relay Normally Open Switch DC to 22 GHz, SMA, 20 Watts, 12V Control
PE71S6310 PASTERNACK-PE71S6310 Datasheet
458Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control
PE71S6089 PASTERNACK-PE71S6089 Datasheet
432Kb / 4P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 60 Watts, 28V Control with Latching
PE71S6078 PASTERNACK-PE71S6078 Datasheet
421Kb / 4P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 40 Watts, 28V Control with Latching
PE71S6193 PASTERNACK-PE71S6193 Datasheet
436Kb / 4P
   SP4T Electromechanical Relay Switch DC to 10 GHz, N, 50 Watts, 28V Control with Indicators, Normally Open, TTL
PE71S6314 PASTERNACK-PE71S6314 Datasheet
485Kb / 6P
   SP6T Electromechanical Relay Latching Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com