Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6090 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6090
Description  SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Failsafe
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6090 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6090 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6090 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6090 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6090 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6090 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6090 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
The PE71S6090 is an SMT SINGLE POLE DOUBLE THROW RELAY SWITCH that operates from DC TO 3 GHz. The Switch
has a 24 VDC FAILSAFE ACTUATOR. The Switch is SMT and operates from -40 Deg C to +85 Deg C.
Features
• Single Pole Double Throw SMT Relay Switch
• DC to 3 GHz Frequency Range
• 2M Operating Life
• 175 Watt Avg Power
• -40 to +85 Deg C Operating Temperature
• Insertion Loss 0.3 dB Max
• VSWR 1.35:1 Max
Applications
• High Performance Relay Switch
• Military Communications
• Communications Systems
• Test & Measurement
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Actuator
Failsafe
Coil Resistance
1,130 Ω Typ
Actuating Current
25 mA
Control Voltage
24 Volts
Marking Contacts
1,800 µs Typ 4,000 µs Max
Breaking Contacts
500 µs Typ 1,000 µs Max
RF Input Power (Max CW)
400 Watts
RF Characteristic
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Frequency Range
DC to 1
1 to 2
2 to 3
GHz
VSWR, Max
1.1:1
1.2:1
1.35:1
Insertion Loss, Max
0.1
0.2
0.3
dB
Isolation, Min
50
45
40
dB
Average Power @25 °C
400
280
175
Watts
.
Mechanical Specifications
Connector Type
SMT
Operating Life
2,000,000
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +85 deg C
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Fail-
safe PE71S6090
PE71S6090
PE71S6090 REV 1.0
SPDT Electromechanical Relay Switch DC to 3 GHz,
SMT, 400 Watts, 24V Control with Failsafe


Similar Part No. - PE71S6090

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6091 PASTERNACK-PE71S6091 Datasheet
457Kb / 6P
   SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Latching
PE71S6092 PASTERNACK-PE71S6092 Datasheet
458Kb / 6P
   Single Pole Double Throw SMT Relay Switch
PE71S6093 PASTERNACK-PE71S6093 Datasheet
458Kb / 6P
   Single Pole Double Throw SMT Relay Switch
PE71S6094 PASTERNACK-PE71S6094 Datasheet
398Kb / 4P
   SPDT Switch
PE71S6095 PASTERNACK-PE71S6095 Datasheet
458Kb / 4P
   SPDT Switch
More results

Similar Description - PE71S6090

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6091 PASTERNACK-PE71S6091 Datasheet
457Kb / 6P
   SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Latching
PE7141 PASTERNACK-PE7141_15 Datasheet
434Kb / 6P
   SPDT Electromechanical Relay Failsafe Switch
PE71S6347 PASTERNACK-PE71S6347_V01 Datasheet
802Kb / 8P
   SPDT Electromechanical Relay Failsafe Switch
PE7142 PASTERNACK-PE7142_15 Datasheet
448Kb / 6P
   SPDT Electromechanical Relay Failsafe Switch
PE7147 PASTERNACK-PE7147_15 Datasheet
444Kb / 6P
   SPDT Electromechanical Relay Failsafe Switch
PE7148 PASTERNACK-PE7148_15 Datasheet
449Kb / 6P
   SPDT Electromechanical Relay Failsafe Switch
PE71S6121 PASTERNACK-PE71S6121 Datasheet
457Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz,2.92mm, 10 Watts, 28V Control with Indicators, Failsafe, TTL
PE71S6162 PASTERNACK-PE71S6162 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6158 PASTERNACK-PE71S6158 Datasheet
397Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6160 PASTERNACK-PE71S6160 Datasheet
408Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com