Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

891-016 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 891-016
Description  Dual Row Nano Connector Saver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

891-016 Datasheet(HTML) 1 Page - Glenair, Inc.

  891-016 Datasheet HTML 1Page - Glenair, Inc. 891-016 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
E-1
© 2013 Glenair, Inc.
Series 89 Nano Catalog
U.S. CAGE Code 06324/0CA77
Printed in U.S.A.
Dimensions in inches (millimeters) and are subject to change without notice.
How to Order Nano Connectors
Sample Part Number
891-016
-31
uS
P1
Series
891-016 Dual Row Connector Saver
Number of Contacts
9, 15, 21, 25, 31, 37, 51, 65, 69
Connector Type
uS - Plug to Socket One Piece Shell
Hardware
P1 - Permanently Installed Jackscrew/Jackpost
891-016
Dual Row Nano Connector Saver
Materials/finishes
Aluminum alloy, electroless nickel plated per SAe-AMS-C-26074, Class 3 or 4, Grade B
Socket insulator - liquid crystal polymer (LCP) per MIL-M-24519 or ASTM D5138
Plug insulator - liquid crystal polymer (LCP) per MIL-M-24519 or ASTM D5138
Potting material - dexter hysol epoxy (Not shown)
Plug contact - gold alloy per ASTM B477 and ASTM B541
Socket contact - gold alloy per ASTM B477 and ASTM B541
Wire - 30 AWG gold plated copper alloy (not shown)
emerson & Cuming conductive epoxy
Jackscrew/jackpost combination - corrosion resistant steel I.A.W. ASTM A484 and ASTM A582
Jackscrew retainer - corrosion resistant steel I.A.W. ASTM A484 and ASTM A582 (Not Shown)
Notes
1. Jackpost head of item 9 has a slot drive. use a slotted blade miniature screwdriver with a .080”
wide blade to turn.
2. Jackscrew/jackpost recommended torque: 0.5 - 1.0 In-lbs.
Glenair Connector Savers protect expensive connector
contacts with Glenair Connector Savers. Once installed
this device will reduce wear on vital contacts and eliminate
downtime due to fowled or damaged connectors.
D
E


Similar Part No. - 891-016

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
891-010 GLENAIR-891-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Double Row Vertical Surface Mount
891-010-15PA1-BSS GLENAIR-891-010-15PA1-BSS Datasheet
70Kb / 4P
   Nanominiature Connectors Double Row Vertical Surface Mount
891-010-15PA2-BSS GLENAIR-891-010-15PA2-BSS Datasheet
70Kb / 4P
   Nanominiature Connectors Double Row Vertical Surface Mount
891-010-15PS-BSS GLENAIR-891-010-15PS-BSS Datasheet
70Kb / 4P
   Nanominiature Connectors Double Row Vertical Surface Mount
891-010-15PT-BSS GLENAIR-891-010-15PT-BSS Datasheet
70Kb / 4P
   Nanominiature Connectors Double Row Vertical Surface Mount
More results

Similar Description - 891-016

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
890-016 GLENAIR-890-016 Datasheet
275Kb / 2P
   Single Row Connector Saver
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
   Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
   Connector Saver
942-004 GLENAIR-942-004 Datasheet
194Kb / 2P
   Connector Saver
899-011 GLENAIR-899-011 Datasheet
579Kb / 2P
   Dual Row Nano
logo
Ramtron International C...
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1105 RAMTRON-FM1105_09 Datasheet
121Kb / 8P
   Nonvolatile 5V Dual State Saver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com