Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS467_V4 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS467_V4
Description  GaAs 0.5-3GHz SPDT Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS467_V4 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS467_V4_15 Datasheet HTML 1Page - Hexawave, Inc HWS467_V4_15 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS467
GaAs 0.5-3.0 GHz SP3T Switch
May 2011
V4
Hexawave Inc. 2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
Low Insertion Loss: 0.4 dB @ 1.0 GHz
0.5 dB @ 2.5 GHz
Isolation:
27 dB @ 1.0 GHz
20 dB @ 2.5 GHz
Low DC Power Consumption
Miniature QFN12L (3x3 mm) Using Lead
(Pb) free materials with RoHS compliant
Description
The HWS467 is a GaAs SP3T switch operating at
0.5-3.0 GHz in a low cost miniature QFN12L (3 x 3
mm) plastic lead (Pb) free package. The HWS467
features low insertion loss with very low DC power
consumption. This switch can be used in wireless
applications for selection of Bluetooth and IEEE
802.11b/g transmit/receive functions.
QFN12L (3 x 3 mm)
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
0.5-1.0 GHz
1.0-2.3 GHz
2.3-2.7 GHz
2.7-3.0 GHz
0.40
0.45
0.55
0.60
0.70
0.80
dB
dB
dB
dB
Isolation
0.5-1.0 GHz
1.0-2.3 GHz
2.3-2.7 GHz
2.7-3.0 GHz
15
15
27
20
20
17
dB
dB
dB
dB
Return Loss
0.5-3.0 GHz
15
dB
Input Power for 0.1 dB Compression
0.5-3.0 GHz
33
dBm
Input Power for One dB Compression
0.5-3.0 GHz
36
dBm
Switching Time
100
nsec
Control Current
5
100
uA
Note: All measurements made in a 50 ohm system with 0/+3.0V control voltages, unless otherwise specified.


Similar Part No. - HWS467_V4_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
   GaAs DC-2.5 GHz SP3T Switch
More results

Similar Description - HWS467_V4_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS500_V6 HW-HWS500_V6_15 Datasheet
65Kb / 2P
   GaAs 0.5-6GHz SPDT Switch
HWS500 HW-HWS500 Datasheet
53Kb / 2P
   GaAs 0.5-6 GHz SPDT Switch
HWS525_V2 HW-HWS525_V2 Datasheet
50Kb / 2P
   GaAs 0.5-3 GHz SPDT Switch
HWS515_V1 HW-HWS515_V1 Datasheet
59Kb / 2P
   GaAs 0.5-3 GHz SPDT Switch
HWS511_V1 HW-HWS511_V1 Datasheet
63Kb / 2P
   GaAs 0.5-3.0 GHz SPDT Switch
HWS522_V1 HW-HWS522_V1 Datasheet
61Kb / 2P
   GaAs 0.5-6.0 GHz SPDT Switch
HWS507_V3 HW-HWS507_V3 Datasheet
113Kb / 3P
   GaAs 0.5 -3 GHz SPDT Switch
HWS526_V4 HW-HWS526_V4 Datasheet
62Kb / 2P
   GaAs 0.5-6 GHz SPDT Switch
HWS509_V4 HW-HWS509_V4 Datasheet
56Kb / 3P
   GaAs 0.5-3 GHz SPDT Switch
HWS506_V4 HW-HWS506_V4 Datasheet
90Kb / 3P
   GaAs 0.5 -6 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com