Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

892-006 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 892-006
Description  Circular Threaded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

892-006 Datasheet(HTML) 2 Page - Glenair, Inc.

  892-006 Datasheet HTML 1Page - Glenair, Inc. 892-006 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-14
© 2013 Glenair, Inc.
Series 89 Nano Catalog
U.S. CAGE Code 06324/0CA77
Printed in U.S.A.
Dimensions in inches (millimeters) and are subject to change without notice.
Table II: Dimensions
892-006-01 Without Termination Platform
892-006-02 With Termination Platform
Size
Ø A
+/-.005
1-4
.425 (10.8)
1-7
.425 (10.8)
2-19
.479 (12.2)
3-37
.526 (13.4)
4-44
.558 (14.2)
4-55
.558 (14.2)
Material/Finish:
• Shell/coupling ring/backshell - see part number breakdown
• Insulator - LCP/na
• Pin contacts - gold alloy
• Snap ring - stainless steel/passivated
Ø A Typ
“L” Length
.425 (10.8)
±.005 (0.1)
“L” Length
.715 (18.2) Max
Shield Overmold/Shrink Boot
Termination Platform Backshell
892-006
Circular Threaded, Plug
Connector with Insulated Wire
B


Similar Part No. - 892-006

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
892-006-500-101 EDAC-892-006-500-101 Datasheet
283Kb / 3P
   892 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-006-500-102 EDAC-892-006-500-102 Datasheet
283Kb / 3P
   892 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-006-500-103 EDAC-892-006-500-103 Datasheet
283Kb / 3P
   892 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-006-500-104 EDAC-892-006-500-104 Datasheet
283Kb / 3P
   892 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
892-006-500-107 EDAC-892-006-500-107 Datasheet
283Kb / 3P
   892 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
More results

Similar Description - 892-006

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
893-011 GLENAIR-893-011 Datasheet
1Mb / 3P
   Circular Threaded
892-001 GLENAIR-892-001 Datasheet
649Kb / 2P
   Circular Threaded
893-009 GLENAIR-893-009 Datasheet
613Kb / 2P
   Circular Threaded
892-003 GLENAIR-892-003 Datasheet
676Kb / 2P
   Circular Threaded
892-005 GLENAIR-892-005 Datasheet
591Kb / 2P
   Circular Threaded
logo
Amphenol Corporation
0441021414S100 AMPHENOL-0441021414S100 Datasheet
1Mb / 4P
   Circular Connector Threaded Coupling ??Plastic
logo
Lumberg
SV LUMBERG-SV Datasheet
554Kb / 4P
   Circular connectors with threaded joint M16 acc.
logo
List of Unclassifed Man...
MS3108B ETC1-MS3108B Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
logo
Lumberg
WSV LUMBERG-WSV_12 Datasheet
683Kb / 2P
   Circular connectors with threaded joint acc. to IEC 61076-2-106, IP 40
logo
Glenair, Inc.
892-002 GLENAIR-892-002 Datasheet
605Kb / 2P
   Circular Breakaway
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com