Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6311 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE71S6311
Description  SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6311 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE71S6311 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6311 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6311 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6311 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6311 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6311 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PE71S6311 CAD Drawing
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA,
20 Watts, 12V Control with Indicators, TTL
PE71S6311 REV 1.0


Similar Part No. - PE71S6311

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6310 PASTERNACK-PE71S6310 Datasheet
458Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6313 PASTERNACK-PE71S6313 Datasheet
483Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz,SMA, 20 Watts, 12V Control with Self Cut Off
PE71S6314 PASTERNACK-PE71S6314 Datasheet
485Kb / 6P
   SP6T Electromechanical Relay Latching Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6315 PASTERNACK-PE71S6315 Datasheet
504Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
More results

Similar Description - PE71S6311

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6309 PASTERNACK-PE71S6309 Datasheet
459Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control
PE71S6303 PASTERNACK-PE71S6303 Datasheet
482Kb / 6P
   SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6304 PASTERNACK-PE71S6304 Datasheet
482Kb / 6P
   SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6310 PASTERNACK-PE71S6310 Datasheet
458Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control
PE71S6307 PASTERNACK-PE71S6307 Datasheet
495Kb / 6P
   SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL, Self Cut Off
PE71S6148 PASTERNACK-PE71S6148 Datasheet
458Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with Latching, Indicators, TTL
PE71S6313 PASTERNACK-PE71S6313 Datasheet
483Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz,SMA, 20 Watts, 12V Control with Self Cut Off
PE71S6196 PASTERNACK-PE71S6196 Datasheet
518Kb / 6P
   SP6T Electromechanical Relay Switch DC to 10 GHz, N,160 Watts, 12V Control with Indicators, Normally Open, TTL
PE71S6308 PASTERNACK-PE71S6308 Datasheet
482Kb / 6P
   SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL, Self Cut Off
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com