Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

947-112 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 947-112
Description  MIL-DTL-38999 Series III Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-112 Datasheet(HTML) 1 Page - Glenair, Inc.

  947-112 Datasheet HTML 1Page - Glenair, Inc. 947-112 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
F-14
F
947-112
MIL-DTL-38999 Series III Type
Jam Nut Bulkhead Feed-Thru
Product Series
Basic Number
947 - 112 M 25 - 24 B P S
Finish
See Table II
Shell Size
A - 9
B - 11
C - 13
D - 15
E - 17
F - 19
G - 21
H - 23
J - 25
Contact Style
P - Pin on Flange Side
S - Socket on Flange Side
Contact Style
P - Pin on Jam Nut Side
S - Socket on Jam Nut Side
Alternate Key
Position
A, B, C, D,
(Omit for Normal)
Insert Arrangement
Per MIL-DTL-38999 Series III
MIL-STD-1560
2.00 MAX.
PANEL
F THREAD
A THREAD
TYP.
3.470
MAX
2.770
MAX
.135
MAX
.510 MAX FULLY MATED INDICATOR BAND - RED, 2 PL
C
B
SEE MIL-STD-1560 FOR
INSERT ARRANGEMENT
HOW TO ORDER:
EXAMPLE:
PRODUCT SERIES
BASIC NUMBER
FINISH, TABLE II
SHELL SIZE, TABLE I
INSERT ARRANGEMENT DASH NUMBER
PER MIL-STD-1560
ALTERNATE POSITION, PER MIL-C-38999
A, B, C, OR D OMIT FOR NORMAL
P = PIN ON JAM NUT SIDE
S = SOCKET ON JAM NUT SIDE
P = PIN ON FLANGE SIDE
S = SOCKET ON FLANGE SIDE
947 - 112 M 25 - 24 B P S
See MIL-STD-1560 for
Insert Arrangement
C
B
2.00 MAX.
PANEL
F THREAD
A THREAD
TYP.
3.470
MAX
2.770
MAX
.135
MAX
.510 MAX FULLY MATED INDICATOR BAND - RED, 2 PL


Similar Part No. - 947-112

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-112B11B GLENAIR-947-112B11B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
947-112B13B GLENAIR-947-112B13B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
947-112B15B GLENAIR-947-112B15B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
947-112B17B GLENAIR-947-112B17B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
947-112B19B GLENAIR-947-112B19B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
More results

Similar Description - 947-112

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
Glenair, Inc.
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
233-303 GLENAIR-233-303 Datasheet
232Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com