Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

963-002 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 963-002
Description  Tactical Cat 5e Ethernet Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

963-002 Datasheet(HTML) 1 Page - Glenair, Inc.

  963-002 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
V-4
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
V
Tactical Cat 5e Ethernet Cable
963-002 Ordering Information
963-002: 1000 BASE-T Ethernet cable with polyurethane jacket
Construction Details
Details
Diameter
(Inches)
Conductor
24 AWG 19x36 silver
plated copper alloy
.0235
Insulation Fluoropolymer
.045
Colors
Pair #1
white/blue and blue
Pair #2
white/orange and
orange
Pair #3
white/green and green
Pair #4
white/brown and brown
.235
.300
Two insulated conductors twisted together
(varied lays)
Final Assembly
Cable
Four twisted pairs caled around a
center filler
Binder
Skive PTFE tape
Shield 1 Aluminum polyester
Shield 2
38 AWG silver plated copper braid
80% coverage
Jacket
Polyeurethane (Estane 58244)
Color: Black
.030" minimum jacket wall
Properties
Impedance
100 Ohms ± 15% (1 to 100 MHz)
Attenuation
8.0 dB/100 ft @ 100 MHz
NEXT
35.3 dB @ 100MHz
PSNEXT
32.3 dB @ 100 MHz
ELFEXT
23.8 dB @ 100 MHz
PSELFEXT
20.8 dB @ 100 MHz
Temperature
Rating
200° C
Minimum Bend
Radius
1.25" (dynamic)
1.00" (static)
Weight
4.8 lbs/100 ft
Max Cabling
Distance
80 meters (100BASE-T)
NOTES
• Cable identified with manufacturer’s name and part number.
• Cable is sold in 1 foot increments. Specify desired length on purchase order.
Conductor
Insulation
Filler
Binder
Shield
Jacket


Similar Part No. - 963-002

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
963-001 GLENAIR-963-001 Datasheet
197Kb / 1P
   100 Ohm Differential Parallel Pair Data Cable
963-003 GLENAIR-963-003 Datasheet
172Kb / 1P
   Avionic Cat 6a Ethernet Cable
963-004 GLENAIR-963-004 Datasheet
194Kb / 1P
   Cat 7 Ethernet Cable
963-005 GLENAIR-963-005 Datasheet
204Kb / 1P
   USB 2.0 Cable
963-006 GLENAIR-963-006 Datasheet
214Kb / 1P
   IEEE 1394 (Firewire)
More results

Similar Description - 963-002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BE43769 ETC2-BE43769 Datasheet
273Kb / 3P
   Industrial Ethernet Cat 5e Rail Transit Cable
logo
Assmann Electronics Inc...
A-MCUP-80005-G-R ASSMANN-A-MCUP-80005-G-R Datasheet
45Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80005-R-R ASSMANN-A-MCUP-80005-R-R Datasheet
45Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80030-B-R ASSMANN-A-MCUP-80030-B-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80030-R-R ASSMANN-A-MCUP-80030-R-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80100-R ASSMANN-A-MCUP-80100-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCSP-80010-R-R ASSMANN-A-MCSP-80010-R-R Datasheet
80Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80020-B-R ASSMANN-A-MCSP-80020-B-R Datasheet
62Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80030-R-R ASSMANN-A-MCSP-80030-R-R Datasheet
81Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80050-R ASSMANN-A-MCSP-80050-R Datasheet
80Kb / 1P
   CAT.5E FTP PATCH CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com