Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWL30YRF_V1 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWL30YRF_V1
Description  L-Band GaAs Power FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWL30YRF_V1 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWL30YRF_V1_15 Datasheet HTML 1Page - Hexawave, Inc HWL30YRF_V1_15 Datasheet HTML 2Page - Hexawave, Inc HWL30YRF_V1_15 Datasheet HTML 3Page - Hexawave, Inc HWL30YRF_V1_15 Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HWL30YRF
L-Band GaAs Power FET
Autumn 2002 V1
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan, R.O.C..
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
Email: sales@hw.com.tw All specifications are subject to change without notice.
Typical Performance at 25°°°°C
Output Power & Efficiency & Gain vs Input Power
@ f=2.4GHz, Vds=10.0V, Ids= 0.5 Idss
0
10
20
30
40
0
5
10
15
20
Pin (dBm)
Po (dBm)
0
10
20
30
40
50
60
Gain
PAE (%)
Po
Gain
Eff
Output Power & Efficiency & Gain vs Input Power
@ f=1.9GHz, Vds=10.0V, Ids= 0.5 Idss
0
10
20
30
40
0
2
4
6
8
10
12
14
16
18
20
22
Pin (dBm)
Po (dBm)
0
10
20
30
40
50
60
Gain
PAE (%)
Po
Gain
Eff


Similar Part No. - HWL30YRF_V1_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWL30YRF HW-HWL30YRF Datasheet
88Kb / 4P
   L-Band GaAs Power FET
More results

Similar Description - HWL30YRF_V1_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWF1681RA HW-HWF1681RA Datasheet
145Kb / 3P
   L-Band GaAs Power FET
HWF1682RA HW-HWF1682RA Datasheet
103Kb / 3P
   L-Band GaAs Power FET
HWL23NPB HW-HWL23NPB Datasheet
109Kb / 7P
   L-Band GaAS Power FET
HWL26NPA HW-HWL26NPA Datasheet
72Kb / 2P
   L-Band GaAs POWER FET
HWL36YRF HW-HWL36YRF Datasheet
91Kb / 3P
   L-Band GaAs Power FET
HWL27NPB_V1 HW-HWL27NPB_V1_15 Datasheet
101Kb / 4P
   L-Band GaAs Power FET
HWF1686RA_V3 HW-HWF1686RA_V3_15 Datasheet
114Kb / 3P
   L-Band GaAs Power FET
HWL34YRA HW-HWL34YRA Datasheet
94Kb / 4P
   L-Band GaAs Power FET
HWF1686RA HW-HWF1686RA Datasheet
106Kb / 3P
   L-Band GaAs Power FET
HWF1681RA_V3 HW-HWF1681RA_V3_15 Datasheet
158Kb / 3P
   L-Band GaAs Power FET
HWL34YRF_V1 HW-HWL34YRF_V1_15 Datasheet
100Kb / 3P
   L-Band GaAs Power FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com