Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A23 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # A23
Description  NEON with SIMD and VFPv4 support
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A23 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button A23 Datasheet HTML 7Page - List of Unclassifed Manufacturers A23 Datasheet HTML 8Page - List of Unclassifed Manufacturers A23 Datasheet HTML 9Page - List of Unclassifed Manufacturers A23 Datasheet HTML 10Page - List of Unclassifed Manufacturers A23 Datasheet HTML 11Page - List of Unclassifed Manufacturers A23 Datasheet HTML 12Page - List of Unclassifed Manufacturers A23 Datasheet HTML 13Page - List of Unclassifed Manufacturers A23 Datasheet HTML 14Page - List of Unclassifed Manufacturers A23 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
A23 Datasheet (Revision 1.0)
Copyright © 2013 Allwinner Technology Co., Ltd. All Rights Reserved.
Page 11
Features
2.6. Video Engine
Video Decoding
● Support video playback up to 1920x1080@60fps
● Support multi-format video playback, including MPEG1/2, MPEG4 SP/ASP GMC, H.263 including Sorenson
Spark, H.264 BP/MP/HP, VP8, WMV9/VC-1, JPEG/MJPEG, etc
Video Encoding
● Support H.264 HP video encoding up to 1920x1080@60fps
● JPEG baseline: picture size up to 4080x4080
● Support Alpha blending
● Support thumb generation
● Support 4x2 scaling ratio: from 1/16 to 64 arbitrary non-integer ratio


Similar Part No. - A23

ManufacturerPart #DatasheetDescription
logo
Energizer
A23 ENERGIZER-A23 Datasheet
127Kb / 1P
   A23
logo
List of Unclassifed Man...
A23 ETC2-A23 Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Tripp Lite. All Rights ...
A230-001-KP TRIPPLITE-A230-001-KP Datasheet
163Kb / 2P
   BNC All-in-One Keystone/Panel Mount Coupler (F/F), 75 Ohms
logo
Tyco Electronics
A231 MACOM-A231 Datasheet
109Kb / 1P
   10 TO 250 MHz CASCADABLE AMPLIFIER
A231 MACOM-A231 Datasheet
378Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
More results

Similar Description - A23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A80 ETC2-A80 Datasheet
2Mb / 43P
   NEON with SIMD and VFPv4 support
logo
Elektron Components Ltd...
0145AA BULGIN-0145AA Datasheet
85Kb / 2P
   Neon Indicatiors (Neon, LED and Filament Lamps)
logo
List of Unclassifed Man...
CLM3500 ETC-CLM3500 Datasheet
49Kb / 2P
   NEON PHOTOCONDUCTOR
logo
Analog Devices
ADV7680 AD-ADV7680 Datasheet
77Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
Rev. Sp0
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
ADV7782 AD-ADV7782 Datasheet
87Kb / 2P
   APIX2 Receiver with LVDS, HDCP, and MIPI Support
logo
List of Unclassifed Man...
701800-Color-2 ETC2-701800-Color-2 Datasheet
344Kb / 2P
   Neon-inspired tubing
logo
Visual Communications C...
A1G VCC-A1G Datasheet
77Kb / 2P
   Neon Indicator Lamps
logo
List of Unclassifed Man...
CLM3120 ETC-CLM3120 Datasheet
67Kb / 2P
   PHOTOMODS NEON MODULES
CLM3700 ETC-CLM3700 Datasheet
50Kb / 2P
   Neon Photoconductor Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com