Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK02FN128VLH10 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MK02FN128VLH10
Description  100 MHz Cortex-M4 Based Microcontroller with FPU
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MK02FN128VLH10 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MK02FN128VLH10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MK02FN128VLH10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MK02FN128VLH10 Datasheet HTML 9Page - List of Unclassifed Manufacturers MK02FN128VLH10 Datasheet HTML 10Page - List of Unclassifed Manufacturers MK02FN128VLH10 Datasheet HTML 11Page - List of Unclassifed Manufacturers MK02FN128VLH10 Datasheet HTML 12Page - List of Unclassifed Manufacturers MK02FN128VLH10 Datasheet HTML 13Page - List of Unclassifed Manufacturers MK02FN128VLH10 Datasheet HTML 14Page - List of Unclassifed Manufacturers MK02FN128VLH10 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Table 5. Power consumption operating behaviors (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
IDD_RUN Run mode current in Compute operation —
code executing from flash
@ 1.8V
12.10
13.10
mA
6
@ 3.0V
12.20
13.37
mA
IDD_RUN Run mode current — all peripheral clocks
disabled, code executing from flash
@ 1.8V
12.8
13.47
mA
7
@ 3.0V
12.9
13.57
mA
IDD_RUN Run mode current — all peripheral clocks
enabled, code executing from flash
@ 1.8V
14.8
15.47
mA
8
@ 3.0V
• @ 25°C
14.9
15.57
mA
• @ 70°C
14.9
15.57
mA
• @ 85°C
14.9
15.57
mA
• @ 105°C
15.5
16.20
mA
IDD_RUN Run mode current — Compute operation, code
executing from flash
@ 1.8V
12.1
12.77
mA
9
@ 3.0V
• @ 25°C
12.2
12.87
mA
• @ 70°C
12.2
12.87
mA
• @ 85°C
12.2
12.87
mA
• @ 105°C
12.7
13.37
mA
IDD_WAIT Wait mode high frequency current at 3.0 V — all
peripheral clocks disabled
5.5
6.17
mA
7
IDD_WAIT Wait mode reduced frequency current at 3.0 V
— all peripheral clocks disabled
3.5
4.17
mA
10
IDD_VLPR Very-low-power run mode current in Compute
operation — CoreMark benchmark code
executing from flash
@ 1.8V
0.58
0.86
mA
2, 11, 3
@ 3.0V
0.59
0.87
mA
IDD_VLPR Very-low-power run mode current in Compute
operation, code executing from flash
@ 1.8V
0.47
0.75
mA
11
@ 3.0V
0.47
0.75
mA
IDD_VLPR Very-low-power run mode current at 3.0 V — all
peripheral clocks disabled
0.62
0.90
mA
12
Table continues on the next page...
General
Kinetis K02 64 KB/128 KB Flash, Rev. 3, 4/2015
11
Freescale Semiconductor, Inc.


Similar Part No. - MK02FN128VLH10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK02FN128VLH10 NXP-MK02FN128VLH10 Datasheet
754Kb / 61P
   Kinetis K02 64 KB/128 KB Flash
Rev. 4, 08/2016
MK02FN128VLH10 NXP-MK02FN128VLH10 Datasheet
889Kb / 65P
   Kinetis K02 64 KB/128 KB Flash
Rev. 5, 11/2023
More results

Similar Description - MK02FN128VLH10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KV4XP100M168 NXP-KV4XP100M168 Datasheet
773Kb / 63P
   168 MHz ARM Cortex-M4 core based Microcontroller with FPU
Rev. 3, 06/2016
K64F NXP-K64F Datasheet
1Mb / 85P
   120 MHz ARM짰 Cortex짰-M4-based Microcontroller with FPU
Rev. 7, 11/2016
K22P121M120SF7 NXP-K22P121M120SF7_V01 Datasheet
1Mb / 87P
   Kinetis K22F 512KB Flash 120 MHz Arm® Cortex®-M4 Based Microcontroller with FPU
Rev. 8 06/2023
logo
Maxim Integrated Produc...
MAX32666 MAXIM-MAX32666 Datasheet
361Kb / 45P
   Low-Power Arm Cortex-M4 with FPU-Based Microcontroller with Bluetooth 5 for Wearables
2021
logo
Analog Devices
MAX32662 AD-MAX32662 Datasheet
1Mb / 80P
   Arm Cortex-M4 Processor with FPU-Based Microcontroller (MCU) with 256KB Flash and 80KB SRAM
Rev 0; 1/23
logo
Maxim Integrated Produc...
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
   Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
MAX32660 MAXIM-MAX32660_V01 Datasheet
404Kb / 25P
   Tiny, Ultra-Low-Power Arm Cortex-M4 Processor with FPU-Based Microcontroller (MCU) with 256KB Flash and 96KB SRAM
2019
logo
Analog Devices
MAX32690 AD-MAX32690 Datasheet
722Kb / 66P
   Arm Cortex-M4 with FPU Microcontroller and Bluetooth LE 5 for Industrial and Wearables
19-101599; Rev 0; 10/22
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com