Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL-2571 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL-2571
Description  Hi-Speed USB to SATAII Bridge Controller
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL-2571 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL-2571 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
PL-2571 Product Brochure
Preliminary Release
V1.0 10/13/06’
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
OVERVIEW
The PL-2571 is a single chip Hi-Speed USB-to-SATA bridge controller that is designed to perform seamless
protocol transfer between the USB and SATA interface.
The PL-2571 can also automatically detect and switch between 1.5GHz and 3GHz SATA speed to support
broad range of Serial ATA devices. A high performance 8-bit microcontroller is embedded which can be used
to support versatile system applications such as one button backup, power control, and others. It is also very
easy to upgrade or change the internal firmware through USB interface for different applications or function
upgrade by using an external EEPROM or SPI Flash. The PL-2571 is implemented according to the USB
Bulk-Only Mass Storage Class specification ver1.0. The USB mass storage driver is integrated in most OSes
so no additional driver is needed.
FEATURES
Serial ATA Revision 2.5 Specification Compliant
Universal Serial Bus Specification 2.0 Compliant
Serial ATA 1.5Gbps/3Gbps speed auto-detection
Integrated Serial ATA Transport, Link logic and
PHY
Support Serial ATA hot-plug
Support USB Mass Storage Class
Support 25MHz Reference Clock
Support external serial EEPROM to customize
vender/product related information
Support external SPI serial Flash to customize
FW
Serial EEPROM or Serial Flash contents can be
updated through USB interface
Additional General Purpose IO pins for further
customization
On-chip 3.3v to1.8v regulator
Package Type : LQFP64
PL-2571
Hi-Speed USB to SATAII Bridge Controller
BLOCK DIAGRAM
USB2.0 PHY
USB Parallel
Interface
USB
Controller
USB Porotol Processor
Turbo 8051
USB2.0
Device
Serial Flash
SATA Link
Controller
1.8V
Output
RAM
ROM
Power
Management
PLL
3.3V-2.5V
REG
25M
Crystal
3.3V
Power
EERPOM
SATAII PHY
SATA
HDD/ODD


Similar Part No. - PL-2571

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-2501 ETC-PL-2501 Datasheet
40Kb / 1P
   Hi-Speed USB Host to Host Bridge Controller
PL-2506 ETC2-PL-2506 Datasheet
157Kb / 1P
   Universal Serial Bus Specification 2.0 Compliant
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
   Hi-Speed USB to IDE Bridge Controller
PL-2515 ETC1-PL-2515 Datasheet
31Kb / 1P
   Hi-Speed USB Flash Disk Controller
PL-2518 ETC1-PL-2518 Datasheet
290Kb / 2P
   Turbo Hi-Speed USB Flash Disk Controller
More results

Similar Description - PL-2571

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
   Hi-Speed USB to IDE Bridge Controller
PL-2501 ETC-PL-2501 Datasheet
40Kb / 1P
   Hi-Speed USB Host to Host Bridge Controller
logo
Prolific Technology Inc...
PL-25A1 PROLIFIC-PL-25A1 Datasheet
237Kb / 1P
   Hi-Speed USB Host to Host Bridge Controller
logo
List of Unclassifed Man...
PL-3507 ETC-PL-3507 Datasheet
35Kb / 1P
   Hi-Speed USB & IEEE1394 Combo to IDE Bridge Controller
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
   Hi-Speed USB to SATA Bridge
logo
List of Unclassifed Man...
PL2773 ETC2-PL2773 Datasheet
182Kb / 1P
   USB3.0/eSATAII to SATAII Bridge Controller
PL2771 ETC2-PL2771 Datasheet
173Kb / 1P
   SuperSpeed USB3.0 to SATAII Bridge Controller
logo
JMicron Technology Corp...
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
   Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
logo
Prolific Technology Inc...
PL2771 PROLIFIC-PL2771 Datasheet
173Kb / 1P
   SuperSpeed USB3.0 to SATAII Bridge Controller
PL2773 PROLIFIC-PL2773 Datasheet
182Kb / 1P
   USB3.0/eSATAII to SATAII Bridge Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com