Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC4000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SFC4000
Description  CMOSens technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFC4000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SFC4000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 11Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 12Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 13Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CMOSensSFC4000 Mass Flow Controller for Gases
www.sensirion.com
Product InformationJanuary 2012 – v2.6
10/15
5 Physical Dimensions and Mounting Information
The SFC4000 is mounted in chemically inert
aluminum housing. The rugged package has been
designed to withstand an operating pressure of up to
10 bars/ 145 psi.
Physical dimensions and mounting information for the
down mount and ¼" VCR/VCO version are provided
in Figure 10 and Figure 12.
Figure 10: Physical dimensions and mounting information for the down mount version. All units are in [mm]
Figure 11: Physical dimensions and mounting information for the 6mm Swagelok fitting version. All units are in [mm]
3)


Similar Part No. - SFC4000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFC40S10L291L-F CDE-SFC40S10L291L-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFC40S15L291K-F CDE-SFC40S15L291K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFC40S15L291L-F CDE-SFC40S15L291L-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFC40S19.5L291K-F CDE-SFC40S19.5L291K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFC40S19.5L391L-F CDE-SFC40S19.5L391L-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
More results

Similar Description - SFC4000

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7319TRPBF IRF-IRF7319TRPBF Datasheet
229Kb / 10P
   GenarafionV Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
International Rectifier
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
logo
M/A-COM Technology Solu...
28970-BRF-001-A MA-COM-28970-BRF-001-A Datasheet
308Kb / 2P
   AutoBaud Technology
logo
International Rectifier
IRF7530TRPBF IRF-IRF7530TRPBF Datasheet
152Kb / 8P
   Trench Technology
logo
EPCOS
B72500T1140S260 EPCOS-B72500T1140S260 Datasheet
94Kb / 5P
   Multilayer technology
logo
Toshiba Semiconductor
VNL08C351-INV TOSHIBA-VNL08C351-INV Datasheet
44Kb / 4P
   DISPLAY TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com