Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54110 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54110
Description  3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs ( SWIFT??
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54110 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54110_15 Datasheet HTML 1Page - Texas Instruments TPS54110_15 Datasheet HTML 2Page - Texas Instruments TPS54110_15 Datasheet HTML 3Page - Texas Instruments TPS54110_15 Datasheet HTML 4Page - Texas Instruments TPS54110_15 Datasheet HTML 5Page - Texas Instruments TPS54110_15 Datasheet HTML 6Page - Texas Instruments TPS54110_15 Datasheet HTML 7Page - Texas Instruments TPS54110_15 Datasheet HTML 8Page - Texas Instruments TPS54110_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AGND
VSENSE
COMP
PWRGD
BOOT
PH
PH
PH
PH
PH
RT
SYNC
SS/ENA
VBIAS
VIN
VIN
VIN
PGND
PGND
PGND
TPS54110
www.ti.com
SLVS500C
– DECEMBER 2003 – REVISED FEBRUARY 2011
PIN ASSIGNMENTS
PWP PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
AGND
1
Analog ground
—internally connected to the sensitive analog-ground circuitry. Connect to PGND and PowerPAD.
Bootstrap input. 0.022-
µF to 0.1-µF low-ESR capacitor connected from BOOT to PH generates floating drive for the
BOOT
5
high-side FET driver.
COMP
3
Error amplifier output. Connect compensation network from COMP to VSENSE.
Power ground. High current return for the low-side driver and power MOSFET. Connect PGND with large copper
PGND
11
–13
areas to the input and output supply returns, and negative terminals of the input and output capacitors. Connect to
AGND and PowerPAD.
PH
6
–10
Phase input/output. Junction of the internal high and low-side power MOSFETs, and output inductor.
Power-good open drain output. High when VSENSE
≥ 93% Vref, otherwise PWRGD is low. Note that output is low
PWRGD
4
when SS/ENA is low or internal shutdown signal active.
RT
20
Frequency setting resistor input. Connect a resistor from RT to AGND to set the switching frequency, fs.
Slow-start/enable input/output. Dual-function pin that provides logic input to enable/disable device operation and
SS/ENA
18
capacitor input to externally set the start-up time.
Synchronization input. Dual-function pin that provides logic input to synchronize to an external oscillator or pin select
SYNC
19
between two internally set switching frequencies. When used to synchronize to an external signal, a resistor must be
connected to the RT pin.
Internal bias regulator output. Supplies regulated voltage to internal circuitry. Bypass VBIAS pin to AGND pin with a
VBIAS
17
high quality, low ESR 0.1-
µF to 1.0-µF ceramic capacitor.
Input supply for the power MOSFET switches and internal bias regulator. Bypass VIN pins to PGND pins close to
VIN
14
–16
device package with a high quality, low ESR 1-
µF to 10-µF ceramic capacitor.
VSENSE
2
Error amplifier inverting input.
© 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS54110


Similar Part No. - TPS54110_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54110 TI1-TPS54110_16 Datasheet
971Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
More results

Similar Description - TPS54110_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54110-Q1 TI-TPS54110-Q1_15 Datasheet
981Kb / 27P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
530Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com