Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54110-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54110-Q1
Description  3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54110-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54110-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS54110-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS54110-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS54110-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54110-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54110-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS54110-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS54110-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS54110-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TPS54110−Q1
SLVS837 − JULY 2008
www.ti.com
8
APPLICATION INFORMATION
Figure 9 shows the schematic diagram for a typical TPS54110 application. The TPS54110 can provide up to 1.5 A of output
current at a nominal output voltage of 3.3 V. For proper thermal performance, the exposed PowerPAD under the device
must be soldered down to the printed-circuit board.
5
C3
+
RT
SYNC
SS/ENA
VBIAS
VIN
VIN
VIN
PGND
PGND
PGND
PwrPd
AGND
VSENSE
COMP
PWRGD
BOOT
PH
PH
PH
PH
PH
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
4
3
2
1
VIN (4.5 − 5.5 V)
C1
10
mF
R7
10 k
W
U2
TPS54110PWP
PWRGD
R4
71.5 k
W
C5
.047
mF
C4
0.1
mF
C9
10
mF
21
0.047
mF
R3
19.1 k
W
C7
33 pF
C6
2700 pF
C8
2200 pF
R5
2.05 k
W
R1
10.7 k
W
R2
3.92 k
W
12
L1
6.8
mH
3.3 V at 1.5 A
C2
100
mF
Figure 9. Application Schematic
DESIGN PROCEDURE
The following design procedure can be used to select
component values for the TPS54110. Alternately, the
SWIFT Designer Software can be used to generate a
complete design. The SWIFT Designer Software uses an
iterative design procedure to access a comprehensive
database of components when generating a design. This
section presents a simplified discussion of the design
process.
DESIGN PARAMETERS
The required parameters to begin the design process and
values for this design example are listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
4.5 to 5.5 V
Output voltage
3.3 V
Input ripple voltage
100 mV
Output ripple voltage
30 mV
Output current rating
1.5 A
Operating frequency
700 kHz
As an additional constraint, the design is set up to be small
size and low component height.
SWITCHING FREQUENCY
The switching frequency is set within the range of 280 kHz
to 700 kHz by connecting a resistor from the RT pin to
AGND. Equation (1) is used to determine the proper RT
value.
RT(k
W) + 100
500 kHz
ƒ
s(kHz)
In this example, the timing-resistor value chosen for R4 is
71.5 k
Ω, setting the switching frequency to 700 kHz.
Alternately, the TPS54110 can be set to preprogrammed
switching frequencies of 350 kHz or 550 kHz by
connecting pins RT and SYNC as shown in Table 2.
Table 2. Selecting the Switching Frequency
FREQUENCY
RT
SYNC
350 kHz
Float
Float or AGND
550 kHz
Float
 2.5 V
(1)


Similar Part No. - TPS54110-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
530Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
971Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
More results

Similar Description - TPS54110-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
530Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54310-Q1 TI-TPS54310-Q1_15 Datasheet
409Kb / 19P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54312-Q1 TI1-TPS54312-Q1 Datasheet
385Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110 TI-TPS54110_15 Datasheet
898Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs ( SWIFT??
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com