Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54122QRHLRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54122QRHLRQ1
Description  TPS54122-Q1 Dual-Output, 3-A, QuietSupply??with Integrated DC-DC Converter and Low-Noise LDO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54122QRHLRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54122QRHLRQ1 Datasheet HTML 1Page - Texas Instruments TPS54122QRHLRQ1 Datasheet HTML 2Page - Texas Instruments TPS54122QRHLRQ1 Datasheet HTML 3Page - Texas Instruments TPS54122QRHLRQ1 Datasheet HTML 4Page - Texas Instruments TPS54122QRHLRQ1 Datasheet HTML 5Page - Texas Instruments TPS54122QRHLRQ1 Datasheet HTML 6Page - Texas Instruments TPS54122QRHLRQ1 Datasheet HTML 7Page - Texas Instruments TPS54122QRHLRQ1 Datasheet HTML 8Page - Texas Instruments TPS54122QRHLRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TPS54122-Q1
www.ti.com
SBVS253A – JANUARY 2015 – REVISED MAY 2015
6.4 Thermal Information
TPS54122-Q1
THERMAL METRIC(1)
RHL (VQFN)
UNIT
24 PINS
RθJA
Junction-to-ambient thermal resistance
34.9
RθJC(top)
Junction-to-case(top) thermal resistance
39.0
RθJB
Junction-to-board thermal resistance
13.5
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
13.6
RθJC(bot)
Junction-to-case(bottom) thermal resistance
1.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
At TJ , TA= –40°C to 125°C, VBIAS = VVIN = 5 V, VLDOIN = DC-DC_OUT
(1) = 2.1 V, V
LDOEN = 1.1 V, VO = 1.8 V, IO = 50 mA, VEN
= floating, and COUT = 10.0 μF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY (VIN PIN)
VIN pin input voltage range
2.95
6
V
VVIN
UVLO threshold
2.6
2.8
V
ISD(VIN)
VIN pin shutdown current
VEN < 0.3 V
2
µA
I(OP)
VIN pin operating current (no switching)
VVSENSE = 900 mV
360
575
µA
DC-DC BOOT (BOOT PIN)
(VBOOT – VPH) UVLO
2.2
V
Boot charge resistance
VEN = 3 V
16
Ω
DC-DC CONVERTER ENABLE (EN PIN)
VIL(EN)
EN pin low-level input voltage
Falling
1.18
V
VIH(EN)
EN pin high-level input voltage
Rising
1.25
V
VEN = 1.13 V
1.2
µA
IEN
EN pin input current
VEN = 1.3 V
4.6
µA
DC-DC CONVERTER VOLTAGE REFERENCE
Vref
Reference voltage
2.95 V
≤ VVIN ≤ 6 V
0.802
0.827
0.852
V
DC-DC MOSFET
VBOOT – VPH = 5 V
45
81
m
Ω
RHS
High-side switch resistance
VBOOT – VPH = 2.95 V
64
110
m
Ω
VVIN = 5 V
42
81
m
Ω
RLS
Low-side switch resistance
VVIN = 2.95 V
59
110
m
Ω
DC-DC ERROR AMPLIFIER
IIN
Input current
VEN = 3 V
7
nA
Error amplifier transconductance
–2 µA
≤ ICOMP ≤ 2 µA, VCOMP = 1 V
245
µMho
gM
Error amplifier transconductance during
–2 µA
≤ ICOMP ≤ 2 µA, VCOMP = 1 V,
79
µMho
slow-start operation
VVSENSE = 0.4 V
ICOMP
Error amplifier output current
VCOMP = 1 V, 100-mV input overdrive
±20
µA
COMP pin to ISWITCH gM
18
A/V
DC-DC CURRENT LIMIT
High-side current limit
VVIN = 3 V
4.2
6.6
A
DC-DC SOFT-START (SS PIN)
SS pin charge current
VSS = 0.4 V
2.2
µA
SS pin to VSENSE pin matching
VSS = 0.4 V
35
mV
(1)
DC-DC_OUT refers to the regulated output voltage of the switching regulator (see Figure 27).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54122-Q1


Similar Part No. - TPS54122QRHLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLR TI1-TPS54122RHLR Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLR TI1-TPS54122RHLR Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
More results

Similar Description - TPS54122QRHLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Texas Instruments
SLVA343A TI-SLVA343A Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
ISOW7741-Q1 TI-ISOW7741-Q1 Datasheet
4Mb / 61P
[Old version datasheet]   ISOW774x-Q1 Quad-Channel Digital Isolator with Integrated Low-Emissions, Low- Noise DC-DC Converter
NOVEMBER 2022
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
logo
Wall Industries,Inc.
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com