Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54162-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54162-Q1
Description  1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54162-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54162-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS54162-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS54162-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS54162-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS54162-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS54162-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS54162-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54162-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54162-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
TPS54162-Q1
www.ti.com
SLVSA32C – OCTOBER 2009 – REVISED MAY 2010
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VI
Unregulated buck supply input voltage (VIN, EN)
3.6
48
V
In continuous conduction mode (CCM)
0.9
18
V
VReg
Regulated output voltage
Power up in low-power mode (LPM) or discontinuous conduction
0.9
5.5
V
mode (DCM)
Bootstrap capacitor (BOOT)
3.6
56
V
Switched outputs (PH)
3.6
48
V
Logic levels (RST, VSENSE, OV_TH, RST_TH, Rslew, SYNC, RT)
0
5.25
V
Logic levels (SS, Cdly, COMP)
0
6.5
V
qJA
Thermal resistance, junction to ambient(1)
35
°C/W
qJC
Thermal resistance, junction to case(2)
10
°C/W
TJ
Operating junction temperature(3)
–40
150
°C
(1)
This assumes a JEDEC JESD 51-5 standard board with thermal vias with High K profile – See PowerPAD section and application note
from Texas Instruments (SLMA002) for more information.
(2)
This assumes junction to exposed thermal pad.
(3)
This assumes TA = TJ – power dissipation × qJA.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54162-Q1


Similar Part No. - TPS54162-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
More results

Similar Description - TPS54162-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
logo
AiT Semiconductor Inc.
A7116 AITSEMI-A7116 Datasheet
1,004Kb / 13P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 1.5MHz, 700mA SYNCHRONOUS WITH LOW QUIESCENT CURRENT
REV1.3
logo
Texas Instruments
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
   Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
logo
Texas Instruments
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com