Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54218 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54218
Description  TPS54218 2.95-V to 6-V Input, 2-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54218 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54218_15 Datasheet HTML 2Page - Texas Instruments TPS54218_15 Datasheet HTML 3Page - Texas Instruments TPS54218_15 Datasheet HTML 4Page - Texas Instruments TPS54218_15 Datasheet HTML 5Page - Texas Instruments TPS54218_15 Datasheet HTML 6Page - Texas Instruments TPS54218_15 Datasheet HTML 7Page - Texas Instruments TPS54218_15 Datasheet HTML 8Page - Texas Instruments TPS54218_15 Datasheet HTML 9Page - Texas Instruments TPS54218_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TPS54218
SLVS974C – SEPTEMBER 2009 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 150°C, 2.95 ≤ VVIN ≤ 6 V (unless otherwise noted) over operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH-SIDE POWER MOSFET (PH)
Measured at 50% points on PH, IOUT = 2
60
tON(min)
Minimum on time
ns
Measured at 50% points on PH, VVIN = 5 V,
110
IOUT = 0 A
Prior to skipping off pulses,
tOFF(min)
Minimum off time
60
ns
(VBOOT – VPH) = 2.95 V, IOUT = 2
tRISE
Rise time
VVIN = 5 V
1.5
V/ns
tFALL
Fall time
VVIN = 5 V
1.5
V/ns
BOOT (BOOT)
RBOOT
BOOT charge resistance
VVIN = 5 V
16
VUVLO(Boot)
BOOT-PH UVLO
VVIN = 2.95 V
2.1
V
SOFT-START (SS )
ICHG
Charge current
VSS = 0.4 V
1.8
μA
VSSxREF
SS to reference crossover
98% nominal
0.9
V
VDSCHG(SS)
SS discharge voltage (overload)
VVSENSE = 0 V
20
μA
SS discharge current (UVLO,
IDSCHG(SS)
VVIN = 5 V, VSS = 0.5 V
1.25
mA
EN, thermal fault)
POWER GOOD (PWRGD)
VVSENSE falling (fault)
91%
VVSENSE rising (good)
93%
VTH(PG)
VSENSE threshold
VVSENSE rising (fault)
107%
VREF
VVSENSE falling (Good)
105%
VHYST(PG)
Hysteresis
VVSENSE falling
2%
IPH(lkg)
Output high leakage
VVSENSE = VREF, VPWRGD = 5.5 V
2
nA
RPG
Power Good on-resistance
100
VOL
Low-level output voltage
IPWRGD = 3.5 mA
0.3
V
Minimum input voltage for valid
VMIN(PG)
VPWRGD < 0.5 V , IOUT = 100 μA
1.2
1.6
V
output
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS54218


Similar Part No. - TPS54218_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
More results

Similar Description - TPS54218_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com