Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD113-B1-02ELS Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ESD113-B1-02ELS
Description  Pb-free and halogen-free package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD113-B1-02ELS Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ESD113-B1-02ELS Datasheet HTML 5Page - Infineon Technologies AG ESD113-B1-02ELS Datasheet HTML 6Page - Infineon Technologies AG ESD113-B1-02ELS Datasheet HTML 7Page - Infineon Technologies AG ESD113-B1-02ELS Datasheet HTML 8Page - Infineon Technologies AG ESD113-B1-02ELS Datasheet HTML 9Page - Infineon Technologies AG ESD113-B1-02ELS Datasheet HTML 10Page - Infineon Technologies AG ESD113-B1-02ELS Datasheet HTML 11Page - Infineon Technologies AG ESD113-B1-02ELS Datasheet HTML 12Page - Infineon Technologies AG ESD113-B1-02ELS Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ESD113-B1 Series
Typical Characteristics Diagrams
Final Data Sheet
9
Revision 1.2, 2014-05-14
Figure 4-7 Clamping voltage (ESD): VCL = f(t), 15 kV positiv pulse from pin 1 to pin 2
Figure 4-8 Clamping voltage (ESD): VCL = f(t), 15 kV negativ pulse from pin 1 to pin 2
-50
-25
0
25
50
75
100
125
150
175
200
0
100
200
300
400
tp [ns]
Scope: 6 GHz, 20 GS/s
VCL-max-peak = 182 V
VCL-30ns-peak = 18 V
-200
-175
-150
-125
-100
-75
-50
-25
0
25
50
0
100
200
300
400
tp [ns]
Scope: 6 GHz, 20 GS/s
VCL-max-peak = -179 V
VCL-30ns-peak = -18 V


Similar Part No. - ESD113-B1-02ELS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESD110 ETC-ESD110 Datasheet
921Kb / 2P
   Bluetooth-serial Module
logo
Infineon Technologies A...
ESD110-B1 INFINEON-ESD110-B1 Datasheet
884Kb / 17P
   ESD / transient protection according to
ESD110-B1-02EL INFINEON-ESD110-B1-02EL Datasheet
884Kb / 17P
   ESD / transient protection according to
ESD110-B1-02ELS INFINEON-ESD110-B1-02ELS Datasheet
884Kb / 17P
   ESD / transient protection according to
logo
Socay Electornics Co., ...
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD113-B1-02ELS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
   Pb-free and halogen free package
Revision 1.4, 2014-05-14
logo
Cystech Electonics Corp...
MTE030N15RH8 CYSTEKEC-MTE030N15RH8 Datasheet
600Kb / 10P
   Pb-free lead plating and Halogen-free package
logo
Infineon Technologies A...
ESD221-U1-02EL INFINEON-ESD221-U1-02EL Datasheet
432Kb / 14P
   Pb-free (RoHS compliant) and halogen free package
Revision 1.0, 2014-05-20
ESD311-U1-02N INFINEON-ESD311-U1-02N Datasheet
556Kb / 13P
   Pb-free (RoHS compliant) and halogen free package
Revision 1.0, 2014-05-28
logo
Dialog Semiconductor
SLG7NT4204 DIALOG-SLG7NT4204 Datasheet
249Kb / 10P
   Pb-Free TDFN-12 Package
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
   Pb-Free package is available
logo
Rohm
QDZ5.6 ROHM-QDZ5.6 Datasheet
834Kb / 9P
   Small silicon package Halogen free
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com