Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54225-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS54225-Q1
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54225-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54225-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 14Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
500
600
700
800
900
0
5
10
15
20
V
-InputVoltage-V
IN
V
=1.8V
O
V
=3.3V
O
500
600
700
800
900
0
0.5
1
1.5
2
I
-OutputCurrent- A
O
V
=1.8V
O
V
=3.3V
O
V
=1.05V
O
V
-10mV/div
O
SW-5V/div
V
=1.05V
O
V
-50mV/div
IN
SW-5V/div
TPS54225-Q1
www.ti.com
SLVSAV9
– JUNE 2011
TYPICAL CHARACTERISTICS (continued)
SWITCHING FREQUENCY
SWITCHING FREQUENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 9.
Figure 10.
VOLTAGE RIPPLE AT OUTPUT
VOLTAGE RIPPLE AT INPUT
Figure 11.
Figure 12.
Copyright
© 2011, Texas Instruments Incorporated
11


Similar Part No. - TPS54225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
More results

Similar Description - TPS54225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54326 TI-TPS54326 Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com