Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS534_V1 Datasheet(PDF) 3 Page - Hexawave, Inc

Part # HWS534_V1
Description  GaAs 0.5-3.0 GHz SP3T Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS534_V1 Datasheet(HTML) 3 Page - Hexawave, Inc

  HWS534_V1 Datasheet HTML 1Page - Hexawave, Inc HWS534_V1 Datasheet HTML 2Page - Hexawave, Inc HWS534_V1 Datasheet HTML 3Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HWS534
GaAs 0.5-3.0 GHz SP3T Switch
December 2013 V1
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All Confidential
Typical Performance Data with 47pF Capacitors @+25°C
Return Loss vs. Frequency
-50
-40
-30
-20
-10
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)
Insertion Loss vs. Frequency
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)
Isolation vs. Frequency
-50
-40
-30
-20
-10
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)


Similar Part No. - HWS534_V1

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS531_V2 HW-HWS531_V2 Datasheet
54Kb / 3P
   GaAs 0.5-6 GHz SPDT Terminated Switch
HWS532 HW-HWS532 Datasheet
68Kb / 4P
   No external DC blocking capacitors required
HWS537 HW-HWS537 Datasheet
54Kb / 3P
   No external DC blocking capacitors required
More results

Similar Description - HWS534_V1

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS520_V1 HW-HWS520_V1 Datasheet
61Kb / 3P
   GaAs 0.5-6.0 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASWSS0191 MA-COM-MASWSS0191 Datasheet
76Kb / 3P
   GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0191 MACOM-MASWSS0191 Datasheet
87Kb / 3P
   GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0191 MA-COM-MASWSS0191 Datasheet
76Kb / 3P
   GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
logo
Hexawave, Inc
HWS511_V1 HW-HWS511_V1 Datasheet
63Kb / 2P
   GaAs 0.5-3.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
Tyco Electronics
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com