Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4174DY Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SI4174DY
Description  N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4174DY Datasheet(HTML) 5 Page - Vishay Telefunken

  SI4174DY Datasheet HTML 1Page - Vishay Telefunken SI4174DY Datasheet HTML 2Page - Vishay Telefunken SI4174DY Datasheet HTML 3Page - Vishay Telefunken SI4174DY Datasheet HTML 4Page - Vishay Telefunken SI4174DY Datasheet HTML 5Page - Vishay Telefunken SI4174DY Datasheet HTML 6Page - Vishay Telefunken SI4174DY Datasheet HTML 7Page - Vishay Telefunken SI4174DY Datasheet HTML 8Page - Vishay Telefunken SI4174DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 68998
S-82773-Rev. A, 17-Nov-08
www.vishay.com
5
Vishay Siliconix
Si4174DY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
4
8
12
16
20
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
1.2
2.4
3.6
4.8
6.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Foot
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)


Similar Part No. - SI4174DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4174DY VISHAY-SI4174DY Datasheet
123Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 17-Nov-08
SI4174DY VISHAY-SI4174DY Datasheet
200Kb / 9P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4174DY-T1-E3 VBSEMI-SI4174DY-T1-E3 Datasheet
993Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4174DY-T1-GE3 VISHAY-SI4174DY-T1-GE3 Datasheet
258Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 17-Nov-08
SI4174DY VISHAY-SI4174DY_V01 Datasheet
200Kb / 9P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4174DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com