Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4776DY Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SI4776DY
Description  N-Channel 30 V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4776DY Datasheet(HTML) 1 Page - Vishay Telefunken

  SI4776DY Datasheet HTML 1Page - Vishay Telefunken SI4776DY Datasheet HTML 2Page - Vishay Telefunken SI4776DY Datasheet HTML 3Page - Vishay Telefunken SI4776DY Datasheet HTML 4Page - Vishay Telefunken SI4776DY Datasheet HTML 5Page - Vishay Telefunken SI4776DY Datasheet HTML 6Page - Vishay Telefunken SI4776DY Datasheet HTML 7Page - Vishay Telefunken SI4776DY Datasheet HTML 8Page - Vishay Telefunken SI4776DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4776DY
New Product
Document Number: 63316
S11-1658-Rev. A, 15-Aug-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 30 V (D-S) MOSFET with Schottky Diode
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
SkyFETMonolithic TrenchFETPower
MOSFET and Schottky Diode
100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Notebook System Power and Memory
- Low Side
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 95 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
a
Qg (Typ.)
30
0.016 at VGS = 10 V
11.9
5.5 nC
0.020 at VGS = 4.5 V
10.6
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
Ordering Information:
Si4776DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
S
D
Schottky Diode
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
11.9
A
TC = 70 °C
9.5
TA = 25 °C
9.3b, c
TA = 70 °C
7.5b, c
Pulsed Drain Current (t = 300 µs)
IDM
50
Continuous Source-Drain Diode Current
TC = 25 °C
IS
3.7
TA = 25 °C
2.3b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
10
Single Pulse Avalanche Energy
EAS
5mJ
Maximum Power Dissipation
TC = 25 °C
PD
4.1
W
TC = 70 °C
2.6
TA = 25 °C
2.5b, c
TA = 70 °C
1.6b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
 10 s
RthJA
40
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
24
30


Similar Part No. - SI4776DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4776DY VISHAY-SI4776DY Datasheet
133Kb / 7P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 15-Aug-11
SI4776DY-T1-GE3 VISHAY-SI4776DY-T1-GE3 Datasheet
133Kb / 7P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 15-Aug-11
SI4776DY VISHAY-SI4776DY_V01 Datasheet
209Kb / 9P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Similar Description - SI4776DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com