Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS511_V1 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS511_V1
Description  GaAs 0.5-3.0 GHz SPDT Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS511_V1 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS511_V1 Datasheet HTML 1Page - Hexawave, Inc HWS511_V1 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HWS511
GaAs 0.5-3.0 GHz SPDT Switch
May 2011 V1
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data with 47 pF
Capacitors @ +25°C
Return Loss vs. Frequency
-40
-35
-30
-25
-20
-15
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)
Insertion Loss vs. Frequency
-1
-0.8
-0.6
-0.4
-0.2
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)
Isolation vs. Frequency
-40
-35
-30
-25
-20
-15
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
0.5-3.0 GHz
+34 dBm
Control Voltage
+6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Pin Out (Top View)
4
5
VC1
VC2
C
B
RF2
C
B
C
B
6
RFC
C
A
GND
1
RF1
C
A
2
3
DC blocking capacitors CB are required on all RF ports.
CB=CA=47pF for operating frequency > 500MHz.
Logic Table for Switch On-Path
VC1
VC2
RFC-RF1
RFC-RF2
1
0
Isolation
Insertion Loss
0
1
Insertion Loss
Isolation
‘1’ = +3V to +5V
‘0’ = 0V to +0.2V


Similar Part No. - HWS511_V1

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS510_V3 HW-HWS510_V3 Datasheet
84Kb / 3P
   GaAs 0.5-4 GHz DPDT Switch
HWS512_V1 HW-HWS512_V1 Datasheet
64Kb / 2P
   GaAs 0.5-6 GHz DPDT Switch
HWS514_V1 HW-HWS514_V1 Datasheet
61Kb / 2P
   GaAs 0.5-6 GHz DPDT Switch
HWS515_V1 HW-HWS515_V1 Datasheet
59Kb / 2P
   GaAs 0.5-3 GHz SPDT Switch
HWS516_V1 HW-HWS516_V1 Datasheet
79Kb / 3P
   GaAs 0.5-3 GHz SPDT Terminated Switch
More results

Similar Description - HWS511_V1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Hexawave, Inc
HWS522_V1 HW-HWS522_V1 Datasheet
61Kb / 2P
   GaAs 0.5-6.0 GHz SPDT Switch
HWS500 HW-HWS500 Datasheet
53Kb / 2P
   GaAs 0.5-6 GHz SPDT Switch
HWS525_V2 HW-HWS525_V2 Datasheet
50Kb / 2P
   GaAs 0.5-3 GHz SPDT Switch
HWS515_V1 HW-HWS515_V1 Datasheet
59Kb / 2P
   GaAs 0.5-3 GHz SPDT Switch
HWS509_V4 HW-HWS509_V4 Datasheet
56Kb / 3P
   GaAs 0.5-3 GHz SPDT Switch
HWS506_V4 HW-HWS506_V4 Datasheet
90Kb / 3P
   GaAs 0.5 -6 GHz SPDT Switch
HWS526_V4 HW-HWS526_V4 Datasheet
62Kb / 2P
   GaAs 0.5-6 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com