Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0225C1E5R7WDAE Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1E5R7WDAE
Description  Temperature characteristics (complied standard)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1E5R7WDAE Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM0225C1E5R7WDAE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GRM0225C1E5R7WDAE#
# indicates a package specification code.
< List of part numbers with package codes >
GRM0225C1E5R7WDAEL
Shape
L size
0.4 ±0.02mm
W size
0.2 ±0.02mm
T size
0.2 ±0.02mm
External terminal width e
0.07 to 0.14mm
Distance between external terminals g
0.13mm min.
Size code in inch(mm)
01005 (0402)
Specifications
Capacitance
5.7pF ±0.05pF
Rated voltage
25Vdc
Temperature characteristics (complied standard)
C0G(EIA)
Temperature coefficient
0±30ppm/℃
Temperature range of temperature characteristics
25 to 125℃
Operating temperature range
-55 to 125℃
Notes
Volt. & temp. derating recommended product
References
Packaging
Specifications
Minimum quantity
φ180mm Embossed taping
40000
Mass (typ.)
1 piece
0.09mg
φ180mm Reel
117g
1 of 1
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2015/10/01


Similar Part No. - GRM0225C1E5R7WDAE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1E5R7WA03 MURATA-GRM0225C1E5R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Similar Description - GRM0225C1E5R7WDAE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1E4R5BE01 MURATA-GRM0115C1E4R5BE01 Datasheet
48Kb / 1P
   Temperature characteristics (complied standard)
GRM0115C1E4R5CE01 MURATA-GRM0115C1E4R5CE01 Datasheet
48Kb / 1P
   Temperature characteristics (complied standard)
GRM0115C1E4R7BE01 MURATA-GRM0115C1E4R7BE01 Datasheet
48Kb / 1P
   Temperature characteristics (complied standard)
GRM0115C1E4R8BE01 MURATA-GRM0115C1E4R8BE01 Datasheet
48Kb / 1P
   Temperature characteristics (complied standard)
GRM0115C1E4R9CE01 MURATA-GRM0115C1E4R9CE01 Datasheet
48Kb / 1P
   Temperature characteristics (complied standard)
GRM0115C1E5R0CE01 MURATA-GRM0115C1E5R0CE01 Datasheet
48Kb / 1P
   Temperature characteristics (complied standard)
GRM0115C1E5R4CE01 MURATA-GRM0115C1E5R4CE01 Datasheet
48Kb / 1P
   Temperature characteristics (complied standard)
GRM0115C1E5R7BE01 MURATA-GRM0115C1E5R7BE01 Datasheet
48Kb / 1P
   Temperature characteristics (complied standard)
GRM0115C1E5R8BE01 MURATA-GRM0115C1E5R8BE01 Datasheet
48Kb / 1P
   Temperature characteristics (complied standard)
GRM0115C1E6R0BE01 MURATA-GRM0115C1E6R0BE01 Datasheet
48Kb / 1P
   Temperature characteristics (complied standard)
GRM0115C1E3R5CE01 MURATA-GRM0115C1E3R5CE01 Datasheet
48Kb / 1P
   Temperature characteristics (complied standard)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com