Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGP20N60H3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IGP20N60H3
Description  High speed switching series third generation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGP20N60H3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IGP20N60H3 Datasheet HTML 1Page - Infineon Technologies AG IGP20N60H3 Datasheet HTML 2Page - Infineon Technologies AG IGP20N60H3 Datasheet HTML 3Page - Infineon Technologies AG IGP20N60H3 Datasheet HTML 4Page - Infineon Technologies AG IGP20N60H3 Datasheet HTML 5Page - Infineon Technologies AG IGP20N60H3 Datasheet HTML 6Page - Infineon Technologies AG IGP20N60H3 Datasheet HTML 7Page - Infineon Technologies AG IGP20N60H3 Datasheet HTML 8Page - Infineon Technologies AG IGP20N60H3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
IGP20N60H3
Highspeedswitchingseriesthirdgeneration
Rev.2.2,2014-03-11
Maximumratings
Parameter
Symbol
Value
Unit
Collector-emittervoltage,Tvj
≥25°C
VCE
600
V
DCcollectorcurrent,limitedbyTvjmax
TC=25°C
TC=100°C
IC
40.0
20.0
A
Pulsedcollectorcurrent,tplimitedbyTvjmax
ICpuls
80.0
A
Turn off safe operating area
VCE
≤600V,Tvj≤175°C,tp=1µs
-
80.0
A
Gate-emitter voltage
VGE
±20
V
Short circuit withstand time
VGE=15.0V,VCC
≤400V
Allowed number of short circuits < 1000
Time between short circuits:
≥ 1.0s
Tvj=150°C
tSC
5
µs
PowerdissipationTC=25°C
PowerdissipationTC=100°C
Ptot
170.0
85.0
W
Operating junction temperature
Tvj
-40...+175
°C
Storage temperature
Tstg
-55...+150
°C
Soldering temperature,
wave soldering 1.6 mm (0.063 in.) from case for 10s
260
°C
Mounting torque, M3 screw
Maximum of mounting processes: 3
M
0.6
Nm
ThermalResistance
Parameter
Symbol Conditions
Max.Value
Unit
Characteristic
IGBT thermal resistance,
junction - case
Rth(j-c)
0.88
K/W
Thermal resistance
junction - ambient
Rth(j-a)
62
K/W
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
StaticCharacteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V,IC=2.00mA
600
-
-
V
Collector-emitter saturation voltage
VCEsat
VGE=15.0V,IC=20.0A
Tvj=25°C
Tvj=125°C
Tvj=175°C
-
-
-
1.95
2.30
2.50
2.40
-
-
V
Gate-emitter threshold voltage
VGE(th)
IC=0.29mA,VCE=VGE
4.1
5.1
5.7
V
Zero gate voltage collector current
ICES
VCE=600V,VGE=0V
Tvj=25°C
Tvj=175°C
-
-
-
-
40.0
1500.0
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V,IC=20.0A
-
10.9
-
S


Similar Part No. - IGP20N60H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP20N65F5 INFINEON-IGP20N65F5 Datasheet
2Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
IGP20N65H5 INFINEON-IGP20N65H5 Datasheet
2Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
More results

Similar Description - IGP20N60H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGA30N60H3 INFINEON-IGA30N60H3 Datasheet
1Mb / 15P
   High speed switching series third generation
2010-07-21 revision:2.1
IGP30N60H3 INFINEON-IGP30N60H3 Datasheet
2Mb / 14P
   High speed switching series third generation
Rev.2.2,2014-03-11
IKW40N60H3 INFINEON-IKW40N60H3 Datasheet
2Mb / 16P
   High speed switching series third generation
Rev.2.4,2014-03-12
IKW50N60H3 INFINEON-IKW50N60H3 Datasheet
2Mb / 16P
   High speed switching series third generation
Rev.2.2,2014-03-12
IGW75N60H3 INFINEON-IGW75N60H3 Datasheet
1Mb / 14P
   High speed switching series third generation
2011-12-13 revision:1.2
IGW100N60H3 INFINEON-IGW100N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.1.2,2013-02-07
IKW60N60H3 INFINEON-IKW60N60H3 Datasheet
1Mb / 16P
   600V high speed switching series third generation
2012-05-29 revision:1.2
IGW50N60H3 INFINEON-IGW50N60H3_14 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.2,2014-03-12
IGB30N60H3 INFINEON-IGB30N60H3_14 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.3,2014-03-11
IKW40N120H3 INFINEON-IKW40N120H3 Datasheet
2Mb / 16P
   1200V high speed switching series third generation
Rev.2.1,2014-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com