Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGW20N60H3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IGW20N60H3
Description  High speed IGBT in Trench and Fieldstop technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW20N60H3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IGW20N60H3 Datasheet HTML 1Page - Infineon Technologies AG IGW20N60H3 Datasheet HTML 2Page - Infineon Technologies AG IGW20N60H3 Datasheet HTML 3Page - Infineon Technologies AG IGW20N60H3 Datasheet HTML 4Page - Infineon Technologies AG IGW20N60H3 Datasheet HTML 5Page - Infineon Technologies AG IGW20N60H3 Datasheet HTML 6Page - Infineon Technologies AG IGW20N60H3 Datasheet HTML 7Page - Infineon Technologies AG IGW20N60H3 Datasheet HTML 8Page - Infineon Technologies AG IGW20N60H3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
IGW20N60H3
Highspeedswitchingseriesthirdgeneration
Rev.2.2,2014-03-11
HighspeedIGBTinTrenchandFieldstoptechnology

Features:
TRENCHSTOPTMtechnologyoffering
•verylowVCEsat
•lowEMI
•Verysoft,fastrecoveryanti-paralleldiode
•maximumjunctiontemperature175°C
•qualifiedaccordingtoJEDECfortargetapplications
•Pb-freeleadplating;RoHScompliant
•completeproductspectrumandPSpiceModels:
http://www.infineon.com/igbt/
Applications:
•uninterruptiblepowersupplies
•weldingconverters
•converterswithhighswitchingfrequency
G
C
E
G
C
E
KeyPerformanceandPackageParameters
Type
VCE
IC
VCEsat,Tvj=25°C
Tvjmax
Marking
Package
IGW20N60H3
600V
20A
1.95V
175°C
G20H603
PG-TO247-3


Similar Part No. - IGW20N60H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW25N120H3 INFINEON-IGW25N120H3 Datasheet
907Kb / 16P
   High speed IGBT in Trench and Fieldstop technology
Rev. 1.1, 2011-01-25
IGW25N120H3 INFINEON-IGW25N120H3 Datasheet
2Mb / 16P
   IGW25N120H3
Rev.2.1,2014-02-27
IGW25N120H3 INFINEON-IGW25N120H3_14 Datasheet
2Mb / 16P
   IGW25N120H3
Rev.2.1,2014-02-27
IGW25T120 INFINEON-IGW25T120 Datasheet
412Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
IGW25T120 INFINEON-IGW25T120 Datasheet
355Kb / 12P
   Low Loss IGBT in TrenchStop짰 and Fieldstop technology
Rev. 2.4 Nov. 09
More results

Similar Description - IGW20N60H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW40N60H3 INFINEON-IGW40N60H3 Datasheet
1Mb / 14P
   High speed IGBT in Trench and Fieldstop technology
2010-06-14 revision:2.1
IGW30N60H3 INFINEON-IGW30N60H3 Datasheet
1Mb / 14P
   High speed IGBT IN Trench and Fieldstop technology
2010-07-26 revision:1.1
IGW25N120H3 INFINEON-IGW25N120H3 Datasheet
907Kb / 16P
   High speed IGBT in Trench and Fieldstop technology
Rev. 1.1, 2011-01-25
IKB20N60H3 INFINEON-IKB20N60H3 Datasheet
1Mb / 16P
   High speed IGBT in Trench and Fieldstop technology
Rev.2.3,2014-03-12
IKP20N60H3 INFINEON-IKP20N60H3 Datasheet
2Mb / 16P
   High speed IGBT in Trench and Fieldstop technology
Rev.2.2,2014-03-12
IGW15N120H3 INFINEON-IGW15N120H3 Datasheet
754Kb / 12P
   High speed IGBT in Trench and Fieldstop technology
2009-11-27 revision:1.1
IKW30N60H3 INFINEON-IKW30N60H3 Datasheet
1Mb / 16P
   High speed Duopack : IGBT in Trench and Fieldstop technology
2010-07-26 revision:1.2
IKW20N60H3 INFINEON-IKW20N60H3 Datasheet
1Mb / 16P
   High speed DuoPack : IGBT in Trench and Fieldstop technology
2010-07-26 revision:1.2
IGW60N60H3 INFINEON-IGW60N60H3 Datasheet
1Mb / 14P
   High speed IGBT in Trench ahnd Fieldstop technology
2012-04-23 revision:1.1
IGB15N60T INFINEON-IGB15N60T Datasheet
364Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com