Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

801-012 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 801-012
Description  Mighty Mouse Hermetic Receptacle
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-012 Datasheet(HTML) 3 Page - Glenair, Inc.

  801-012 Datasheet HTML 1Page - Glenair, Inc. 801-012 Datasheet HTML 2Page - Glenair, Inc. 801-012 Datasheet HTML 3Page - Glenair, Inc. 801-012 Datasheet HTML 4Page - Glenair, Inc. 801-012 Datasheet HTML 5Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
C-50
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
C
Solder Mount Hermetic
801-012-03
DIMENSIONS
Shell
Size
Ø A
B
Thread
Ø C
Ø D
Ø E
Tail Dia.
In.
mm.
In.
mm.
In.
mm.
5
.395 10.03
.3125-.05P-.1L-2A
.244
6.20
.197
5.00
#23
.018/.022
(0.46/0.56)
#20
.024/.028
(0.61/0.71)
#16
.060/.064
(1.52/1.63)
#12
.092/.096
(2.34/2.44
6
.455 11.56
.375-.05P-.1L-2A
.330
8.38
.236
5.99
7
.520 13.21
.4375-.05P-1L-2A
.432 11.97
.324
8.23
8
.580 14.73
.5000-.05P-1L-2A
.493 12.52
.390
9.91
9
.645 16.38
.5625-.05P-.1L-2A
.551 14.00
.444
11.28
10
.705 18.01
.6250-.05P-1L-2A
.620 15.75
.520
13.21
11
.770 19.56
.6875-.05P-1L-2A
.662 16.81
.557
14.15
13
.895 22.73
.8125-.1P-.2L-2A
.703 17.86
.596
15.14
16
1.080 27.43
1.000-.1P-.2L-2A
.863 21.92
.756
19.20
17
1.145 29.08
1.062-.1P-.2L-2A
.912 23.16
.805
20.45
19
1.270 32.26
1.1875-.1P-.2L-2A
1.018 25.86
.910
23.11
21
1.395 35.43
1.3125-.1P-.2L-2A
1.170 29.72 1.061
26.95
KEY
POSITIONS
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
E
75°
275°
F
95°
210°
801-012-03
Series 801 Mighty Mouse Hermetic Receptacles
Double-Start ACME Threads • Solder Mount
Connector Dimensions
1
ø A
MASTER
KEYWAY
.039 (1.00)
VIEW A
.025 (0.64)
.760(19.30)
MAX
PC TAIL
B THREAD
RED FULL MATE
INDICATOR BAND
SOLDER CUP
.260 (6.60) MAX
ø C
ø D
.125 (3.18) MIN
øE
30°
FOR SIZE 5 AND 6 ONLY
VIEW A
.013 (0.33)


Similar Part No. - 801-012

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-02Z15-3CA GLENAIR-801-012-02Z15-3CA Datasheet
280Kb / 4P
   Double-Start ACME Thread
801-012-02Z15-3CB GLENAIR-801-012-02Z15-3CB Datasheet
280Kb / 4P
   Double-Start ACME Thread
801-012-02Z15-3CC GLENAIR-801-012-02Z15-3CC Datasheet
280Kb / 4P
   Double-Start ACME Thread
801-012-02Z15-3PA GLENAIR-801-012-02Z15-3PA Datasheet
280Kb / 4P
   Double-Start ACME Thread
More results

Similar Description - 801-012

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-059 GLENAIR-801-059 Datasheet
312Kb / 4P
   Mighty Mouse Hermetic Receptacle
803-006 GLENAIR-803-006 Datasheet
221Kb / 2P
   Mighty Mouse Hermetic Receptacles
804-006 GLENAIR-804-006 Datasheet
316Kb / 3P
   Mighty Mouse Hermetic Receptacles
800-013 GLENAIR-800-013 Datasheet
313Kb / 4P
   Mighty Mouse Hermetic Receptacles
240-800 GLENAIR-240-800 Datasheet
398Kb / 4P
   Mighty Mouse Filter Receptacle Connector
852-042 GLENAIR-852-042 Datasheet
355Kb / 2P
   Mighty Mouse Connectors
805-061 GLENAIR-805-061 Datasheet
150Kb / 1P
   Mighty Mouse Cobra
850-013 GLENAIR-850-013 Datasheet
355Kb / 2P
   Mighty Mouse Connectors
852-056 GLENAIR-852-056 Datasheet
494Kb / 2P
   Mighty Mouse Connectors
801-009 GLENAIR-801-009 Datasheet
173Kb / 1P
   Jam Nut Mighty Mouse Receptacle with Size
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com