Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKD15N60RF Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IKD15N60RF
Description  IGBT with integrated diode in packages offering space saving advantage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKD15N60RF Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IKD15N60RF Datasheet HTML 4Page - Infineon Technologies AG IKD15N60RF Datasheet HTML 5Page - Infineon Technologies AG IKD15N60RF Datasheet HTML 6Page - Infineon Technologies AG IKD15N60RF Datasheet HTML 7Page - Infineon Technologies AG IKD15N60RF Datasheet HTML 8Page - Infineon Technologies AG IKD15N60RF Datasheet HTML 9Page - Infineon Technologies AG IKD15N60RF Datasheet HTML 10Page - Infineon Technologies AG IKD15N60RF Datasheet HTML 11Page - Infineon Technologies AG IKD15N60RF Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
IKD15N60RF
TRENCHSTOPTMRC-DrivesFastSeries
Rev.2.3,2014-03-12
Figure 5.
Typicaloutputcharacteristic
(Tvj=25°C)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
1
2
3
4
0
5
10
15
20
25
30
35
40
45
VGE=20V
17V
15V
13V
11V
9V
7V
Figure 6.
Typicaloutputcharacteristic
(Tvj=175°C)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
1
2
3
4
0
5
10
15
20
25
30
35
40
45
VGE=20V
17V
15V
13V
11V
9V
7V
Figure 7.
Typicaltransfercharacteristic
(VCE=10V)
VGE,GATE-EMITTERVOLTAGE[V]
4
6
8
10
12
14
0
5
10
15
20
25
30
35
40
45
Tj=25°C
Tj=175°C
Figure 8.
Typicalcollector-emittersaturationvoltageas
afunctionofjunctiontemperature
(VGE=15V)
Tvj,JUNCTIONTEMPERATURE[°C]
0
25
50
75
100
125
150
175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IC=1A
IC=5A
IC=15A
IC=30A


Similar Part No. - IKD15N60RF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD15N60RF INFINEON-IKD15N60RF Datasheet
886Kb / 16P
   ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
IKD15N60RF INFINEON-IKD15N60RF Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
IKD15N60RFA INFINEON-IKD15N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
More results

Similar Description - IKD15N60RF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AIHD04N60RF INFINEON-AIHD04N60RF Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
V2.1 2017-02-09
IKD04N60R INFINEON-IKD04N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD06N60R INFINEON-IKD06N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD15N60R INFINEON-IKD15N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
IKD03N60RF INFINEON-IKD03N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD04N60RF INFINEON-IKD04N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
AIHD15N60RF INFINEON-AIHD15N60RF Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
V2.1 2017-02-09
IKD10N60R INFINEON-IKD10N60R_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD10N60RF INFINEON-IKD10N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
IKD06N60RF INFINEON-IKD06N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com