Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802-040 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 802-040
Description  Hermetic Receptacle How to Order Information
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

802-040 Datasheet(HTML) 1 Page - Glenair, Inc.

  802-040 Datasheet HTML 1Page - Glenair, Inc. 802-040 Datasheet HTML 2Page - Glenair, Inc. 802-040 Datasheet HTML 3Page - Glenair, Inc. 802-040 Datasheet HTML 4Page - Glenair, Inc. 802-040 Datasheet HTML 5Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
C-62
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
C
802-040
Series 802 “Aqua Mouse” Submersible
Hermetic Receptacle How to Order Information
Sizes 12 and 16 Only
802-040-00 Front Mount
Series 802 Hermetic Receptacles
feature 316L stainless steel shells,
fused vitreous glass insulators and
Alloy 52 iron alloy contacts.
1 X 10-7 cc/second maximum helium
leak rate.
HOW TO ORDER
Sample Part Number
802-040
-07
Z1
12-3
P
A
-210
Series
Shell Style
Shell Material
/ Finish
Shell Size/Insert
Arrangement
Contact
Type
Shell Key Position
Cable Style
802-040
Hermetic
Receptacle,
Co-Ax
Contacts,
Sizes
12 and 16
Only
-00
Front Mount
Jam Nut
-02
Front Panel
Square Flange
Mount
-03
Weld Mount
-07
Rear Panel
Jam Nut Mount
Z1
Stainless Steel /
Passivated
ZL
Stainless Steel /
Nickel Plated
Titanium and
Inconel® shell
materials are
available.
Consult factory
for ordering
information.
See Page C-4 for
Contact
Arrangements
P
Co-Ax
Pin
S
Co-Ax
Socket
A
Normal
B
Pos. B
C
Pos. C
D
Pos. D
E
Pos. E
F
Pos. F
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
E
75°
275°
F
95°
210°
Specify BIN Code
per AS39029/27,
/28, /76 and /78
Note:
Each connector
is supplied with
sufficient cable
adapters and crimp
rings to terminate
appropriate cable
for insertion into
contact rear. After
cable is terminated
and adapter
inserted into contact
rear, the rear of
the connector must
be potted to cover
adapters.
Four Shell Styles: front mount jam
nut, front panel square flange mount,
weld mount and rear panel jam nut
mount.
Cable Adapters with Crimp Rings
provided with each connector for
reliable cable termination.


Similar Part No. - 802-040

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-048 GLENAIR-802-048 Datasheet
182Kb / 1P
   Jam Nut Mount Bulkhead Feed?밫hru
More results

Similar Description - 802-040

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02014W104KAT2A AVX-02014W104KAT2A Datasheet
154Kb / 2P
   How to Order Part Number Explanation
logo
RFE international
MA1206XR104K101R RFE-MA1206XR104K101R Datasheet
61Kb / 1P
   HOW TO ORDER Ceramic Disc & Multilayer CAPACITORS
logo
Bourns Electronic Solut...
4116R-1-470 BOURNS-4116R-1-470 Datasheet
223Kb / 2P
   RoHS compliant* versions available (see How to Order ?쏷ermination??option)
4114R-1-101 BOURNS-4114R-1-101 Datasheet
223Kb / 2P
   RoHS compliant* versions available (see How to Order ?쏷ermination??option)
logo
STMicroelectronics
AN3057 STMICROELECTRONICS-AN3057 Datasheet
419Kb / 15P
   How to manage simultaneous
logo
Glenair, Inc.
802-013-00 GLENAIR-802-013-00 Datasheet
197Kb / 1P
   Hermetic Receptacle
802-013-07 GLENAIR-802-013-07 Datasheet
173Kb / 1P
   Hermetic Receptacle
802-013-02 GLENAIR-802-013-02 Datasheet
171Kb / 1P
   Hermetic Receptacle
802-013-03 GLENAIR-802-013-03 Datasheet
191Kb / 1P
   Hermetic Receptacle
logo
STMicroelectronics
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
   How to use the BT_HTS_RX_R2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com