Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

850-018-22 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 850-018-22
Description  Size 22 Socket Contact with Expanded Wire Accommodation
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

850-018-22 Datasheet(HTML) 1 Page - Glenair, Inc.

  850-018-22 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D-18
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
D
850-018-22
M39029/56-348 Type
Size 22 Socket Contact with Expanded Wire Accommodation
.040
.030
60°
Typ
2X Ø.041
.036
R .003
Max
2X .010
.004
DETAIL A
Ø .062
Max
Ø .062
.060
.237
.231
.141 Min
.129
.122
.002
65° ± 10°
Ø .048/.046
.0395
.0375
Ø .022/.018 Thru
one side only
.166 Min
Ø .047 Min
Ø .031 Min
(.855)
.626/.616
Hood
A
50°/44°
Ø
Mating End
Size
Glenair Part Number
22
850-018-22
Material and Finish
Contact Body: Copper alloy, plated with 50 microinches gold per ASTM B488 Type II code C
over 50–100 microinches nickel IAW SAE AMS-QQ-N-290, class II
Hood: 305 CRES, passivated
Notes
May be used with up to 20AWG wire


Similar Part No. - 850-018-22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
850-010 GLENAIR-850-010 Datasheet
128Kb / 1P
   PCB Pin Contact for D38999/20 and /24
850-011 GLENAIR-850-011 Datasheet
132Kb / 1P
   PCB Socket Contact for D38999/20 and /24
850-013 GLENAIR-850-013 Datasheet
355Kb / 2P
   Mighty Mouse Connectors
850-015 GLENAIR-850-015 Datasheet
142Kb / 2P
   Socket Contact With Solder Cup
850-016 GLENAIR-850-016 Datasheet
138Kb / 2P
   Pin Contact With Solder Cup
More results

Similar Description - 850-018-22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
850-019-22 GLENAIR-850-019-22 Datasheet
126Kb / 1P
   Size 22 Pin Contact with Expanded Wire Accommodation
850-020-22 GLENAIR-850-020-22 Datasheet
126Kb / 1P
   Socket Contact with Expanded Wire Accommodation
logo
Japan Aviation Electron...
KN01S10KLH5 JAE-KN01S10KLH5 Datasheet
99Kb / 3P
   CONN #22 SIZE SOCKET CONTACT FOR
logo
CONEC Elektronische Bau...
132C15029X CONEC-132C15029X Datasheet
628Kb / 1P
   Signal Crimp-Contact Socket Contact Wire Size 24-28
15.07.10
logo
Glenair, Inc.
233-344 GLENAIR-233-344 Datasheet
137Kb / 1P
   Size 22 Pin or Socket Contacts
logo
CONEC Elektronische Bau...
162A11829X CONEC-162A11829X Datasheet
138Kb / 1P
   Signal Crimp Socket Contact stamped version Wire Size AWG 24-20
16.08.2016
logo
Japan Aviation Electron...
KN01S03KKP4 JAE-KN01S03KKP4 Datasheet
99Kb / 3P
   CONN #20 SIZE SOCKET CONTACT FOR
KN01S12HFH1 JAE-KN01S12HFH1 Datasheet
60Kb / 3P
   CONN #8 SIZE SOCKET CONTACT FOR
logo
Tyco Electronics
204351-1 MACOM-204351-1 Datasheet
118Kb / 1P
   CONTACT ASSEMBLY, SOCKET SIZE 22D, AMPLIMITE
logo
Japan Aviation Electron...
KN01P10KLH5 JAE-KN01P10KLH5 Datasheet
95Kb / 3P
   CONN #22 SIZE PIN CONTACT FOR 24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com