Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8816EDB Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SI8816EDB
Description  N-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI8816EDB Datasheet(HTML) 3 Page - Vishay Telefunken

  SI8816EDB Datasheet HTML 1Page - Vishay Telefunken SI8816EDB Datasheet HTML 2Page - Vishay Telefunken SI8816EDB Datasheet HTML 3Page - Vishay Telefunken SI8816EDB Datasheet HTML 4Page - Vishay Telefunken SI8816EDB Datasheet HTML 5Page - Vishay Telefunken SI8816EDB Datasheet HTML 6Page - Vishay Telefunken SI8816EDB Datasheet HTML 7Page - Vishay Telefunken SI8816EDB Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si8816EDB
www.vishay.com
Vishay Siliconix
S15-0346-Rev. B, 23-Feb-15
3
Document Number: 62834
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance vs. Drain-to-Source Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
3
6
9
12
15
18
V
GS - Gate-Source Voltage (V)
T
J = 25 °C
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
DS - Drain-to-Source Voltage (V)
V
GS = 1.5 V
V
GS = 2 V
V
GS = 5 V thru 2.5 V
V
GS = 1 V
0.06
0.09
0.12
0.15
0.18
0
2
4
6
8
I
D - Drain Current (A)
V
GS = 3.7 V
V
GS = 2.5 V
V
GS = 4.5 V
V
GS = 10 V
10
-2
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
10
-9
0
3
6
9
12
15
18
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
0
2
4
6
8
0.0
0.5
1.0
1.5
2.0
2.5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
50
100
150
200
250
0
5
10
15
20
25
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


Similar Part No. - SI8816EDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8816EDB VISHAY-SI8816EDB Datasheet
159Kb / 8P
   N-Channel 30 V (D-S) MOSFET
Rev. B, 23-Feb-15
SI8816EDB VISHAY-SI8816EDB_V01 Datasheet
158Kb / 8P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI8816EDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com