Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIA444DJT Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SIA444DJT
Description  N-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA444DJT Datasheet(HTML) 5 Page - Vishay Telefunken

  SIA444DJT Datasheet HTML 1Page - Vishay Telefunken SIA444DJT Datasheet HTML 2Page - Vishay Telefunken SIA444DJT Datasheet HTML 3Page - Vishay Telefunken SIA444DJT Datasheet HTML 4Page - Vishay Telefunken SIA444DJT Datasheet HTML 5Page - Vishay Telefunken SIA444DJT Datasheet HTML 6Page - Vishay Telefunken SIA444DJT Datasheet HTML 7Page - Vishay Telefunken SIA444DJT Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SiA444DJT
www.vishay.com
Vishay Siliconix
S15-0071-Rev. D, 19-Jan-15
5
Document Number: 67056
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Current Derating*
Power Derating
* The power dissipation PD is based on TJ (max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the
package limit.
0
5
10
15
20
25
30
0
255075
100
125
150
Package Limited
T
C - Case Temperature (°C)
0
5
10
15
20
25
50
75
100
125
150
TC - Case Temperature (°C)


Similar Part No. - SIA444DJT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA444DJT VISHAY-SIA444DJT Datasheet
99Kb / 7P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 08-Nov-10
SIA444DJT VISHAY-SIA444DJT Datasheet
158Kb / 8P
   N-Channel 30 V (D-S) MOSFET
Rev. C, 15-Aug-11
SIA444DJT-T1-GE3 VISHAY-SIA444DJT-T1-GE3 Datasheet
158Kb / 8P
   N-Channel 30 V (D-S) MOSFET
Rev. C, 15-Aug-11
logo
VBsemi Electronics Co.,...
SIA444DJT-T1-GE3 VBSEMI-SIA444DJT-T1-GE3 Datasheet
1Mb / 10P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SIA444DJT VISHAY-SIA444DJT_11 Datasheet
158Kb / 8P
   N-Channel 30 V (D-S) MOSFET
Rev. C, 15-Aug-11
More results

Similar Description - SIA444DJT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com