Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPL65R099C7 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPL65R099C7
Description  Increased MOSFET dv/dt ruggedness
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL65R099C7 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPL65R099C7 Datasheet HTML 2Page - Infineon Technologies AG IPL65R099C7 Datasheet HTML 3Page - Infineon Technologies AG IPL65R099C7 Datasheet HTML 4Page - Infineon Technologies AG IPL65R099C7 Datasheet HTML 5Page - Infineon Technologies AG IPL65R099C7 Datasheet HTML 6Page - Infineon Technologies AG IPL65R099C7 Datasheet HTML 7Page - Infineon Technologies AG IPL65R099C7 Datasheet HTML 8Page - Infineon Technologies AG IPL65R099C7 Datasheet HTML 9Page - Infineon Technologies AG IPL65R099C7 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
650VCoolMOS™C7PowerTransistor
IPL65R099C7
Rev.2.0,2013-11-05
Final Data Sheet
4Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
650
-
-
V
VGS=0V,ID=1mA
Gate threshold voltage
V(GS)th
3
3.5
4
V
VDS=VGS,ID=0.59mA
Zero gate voltage drain current
IDSS
-
-
-
10
1
-
µA
VDS=650,VGS=0V,Tj=25°C
VDS=650,VGS=0V,Tj=150°C
Gate-source leakage current
IGSS
-
-
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
0.088
0.210
0.099
-
VGS=10V,ID=5.9A,Tj=25°C
VGS=10V,ID=5.9A,Tj=150°C
Gate resistance
RG
-
0.9
-
f=1MHz,opendrain
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
-
2140
-
pF
VGS=0V,VDS=400V,f=250kHz
Output capacitance
Coss
-
33
-
pF
VGS=0V,VDS=400V,f=250kHz
Effective output capacitance, energy
related
1)
Co(er)
-
69
-
pF
VGS=0V,VDS=0...400V
Effective output capacitance, time related
2)
Co(tr)
-
763
-
pF
ID=constant,VGS=0V,VDS=0...400V
Turn-on delay time
td(on)
-
11
-
ns
VDD=400V,VGS=13V,ID=5.9A,
RG=5.3
Ω;seetable9
Rise time
tr
-
5
-
ns
VDD=400V,VGS=13V,ID=5.9A,
RG=5.3
Ω;seetable9
Turn-off delay time
td(off)
-
89
-
ns
VDD=400V,VGS=13V,ID=5.9A,
RG=5.3
Ω;seetable9
Fall time
tf
-
12
-
ns
VDD=400V,VGS=13V,ID=5.9A,
RG=5.3
Ω;seetable9
Table6Gatechargecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
11
-
nC
VDD=400V,ID=5.9A,VGS=0to10V
Gate to drain charge
Qgd
-
15
-
nC
VDD=400V,ID=5.9A,VGS=0to10V
Gate charge total
Qg
-
45
-
nC
VDD=400V,ID=5.9A,VGS=0to10V
Gate plateau voltage
Vplateau
-
5.0
-
V
VDD=400V,ID=5.9A,VGS=0to10V
1)Co(er)isafixedcapacitancethatgivesthesamestoredenergyasCosswhileVDSisrisingfrom0to400V
2)Co(tr)isafixedcapacitancethatgivesthesamechargingtimeasCosswhileVDSisrisingfrom0to400V


Similar Part No. - IPL65R099C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R095CFD7 INFINEON-IPL65R095CFD7 Datasheet
1Mb / 14P
   650V CoolMOS짧 CFD7 SJ Power Device
Rev. 2.0, 2021-07-28
More results

Similar Description - IPL65R099C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R125P6 INFINEON-IPA60R125P6 Datasheet
2Mb / 18P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2014-03-07
IPL65R195C7 INFINEON-IPL65R195C7 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2013-11-06
IPA60R099P6 INFINEON-IPA60R099P6 Datasheet
2Mb / 18P
   Increased MOSFET dv/dt ruggedness
Rev.2.1,2015-05-18
IPL60R255P6 INFINEON-IPL60R255P6 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2014-05-16
IPL65R070C7 INFINEON-IPL65R070C7 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2013-11-06
logo
STMicroelectronics
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
   Extremely high dv/dt ruggedness
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
   Extremely high dv/dt ruggedness
September 2015 Rev 1
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
   Extremely high dv/dt ruggedness
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STP45N60DM2AG STMICROELECTRONICS-STP45N60DM2AG Datasheet
420Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com